Electronic Components Datasheet Search
  English  ▼

X  

SN54LS673 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS673
Description  16-BIT SHIFT REGISTERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS673 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN54LS673 Datasheet HTML 10Page - Texas Instruments SN54LS673 Datasheet HTML 11Page - Texas Instruments SN54LS673 Datasheet HTML 12Page - Texas Instruments SN54LS673 Datasheet HTML 13Page - Texas Instruments SN54LS673 Datasheet HTML 14Page - Texas Instruments SN54LS673 Datasheet HTML 15Page - Texas Instruments SN54LS673 Datasheet HTML 16Page - Texas Instruments SN54LS673 Datasheet HTML 17Page - Texas Instruments SN54LS673 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
no Sb/Br)
SN74LS674DWG4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LS674N
ACTIVE
PDIP
N
24
15
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74LS674N
ACTIVE
PDIP
N
24
15
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74LS674NE4
ACTIVE
PDIP
N
24
15
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74LS674NE4
ACTIVE
PDIP
N
24
15
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SNJ54LS673FK
ACTIVE
LCCC
FK
28
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54LS673FK
ACTIVE
LCCC
FK
28
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54LS673J
ACTIVE
CDIP
J
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS673J
ACTIVE
CDIP
J
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS673JT
ACTIVE
CDIP
JT
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS673JT
ACTIVE
CDIP
JT
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS673W
OBSOLETE
CFP
W
24
TBD
Call TI
Call TI
SNJ54LS673W
OBSOLETE
CFP
W
24
TBD
Call TI
Call TI
SNJ54LS674FK
ACTIVE
LCCC
FK
28
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54LS674FK
ACTIVE
LCCC
FK
28
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54LS674J
ACTIVE
CDIP
J
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS674J
ACTIVE
CDIP
J
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS674JT
ACTIVE
CDIP
JT
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS674JT
ACTIVE
CDIP
JT
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS674W
OBSOLETE
CFP
W
24
TBD
Call TI
Call TI
SNJ54LS674W
OBSOLETE
CFP
W
24
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com