Electronic Components Datasheet Search
  English  ▼

X  

STW5098BBLR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 4Page - STMicroelectronics STW5098BBLR Datasheet HTML 5Page - STMicroelectronics STW5098BBLR Datasheet HTML 6Page - STMicroelectronics STW5098BBLR Datasheet HTML 7Page - STMicroelectronics STW5098BBLR Datasheet HTML 8Page - STMicroelectronics STW5098BBLR Datasheet HTML 9Page - STMicroelectronics STW5098BBLR Datasheet HTML 10Page - STMicroelectronics STW5098BBLR Datasheet HTML 11Page - STMicroelectronics STW5098BBLR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Overview
STw5098
8/85
1
Overview
●
Dual 20 bit audio resolution, 8kHz to 96kHz independent rate ADC and DAC
●
Dual I2S/PCM digital interfaces for dual master
●
Sustain complex voice and audio flow with or without mixing
●
Two I2C/SPI compatible independent control interfaces
●
Asynchronous sampling ADC and DAC that do not require oversampled clock and
information on the audio data sampling frequency (fs). Jitter tolerant fs
●
Wide master clock range from 4MHz to 32MHz
●
Two stereo headphones drivers, hand free loudspeaker driver, line out drivers
●
Mixable analog line inputs
●
Voice filters: 8/16kHz with voice channel filters
●
Automatic gain control for microphone and line-in inputs
●
Four programmable master/slave serial audio data interfaces: I2S, SPI, PCM
compatible and other formats
●
Frequency programmable clock outputs
●
Multibit
Σ∆ modulators with data weighted averaging ADC and DAC
●
Four DSP functions for bass-treble-volume control, mute, mono/stereo selection, voice
channel filters, de-emphasis filter and dynamic compression
●
93 dB dynamic range ADC, 0.001% THD with full scale with full scale output @ 2.7V
●
95 dB dynamic range DAC, 0.02% THD performance @ 2.7V over 16
Ω load
Analog inputs
●
Selectable stereo differential or single-ended microphone amplifier inputs with 51dB
range programmable gain
●
2 microphone biasing output
●
Microphone plug-in and push-button detection input
●
Selectable stereo differential or single-ended line inputs with 38dB range
programmable gain
Analog output drivers
●
2 Stereo headphones outputs. driving capability: 40mW (0.1% THD) over 16
Ω with
40dB range programmable gain
●
Common mode voltage headphones driver (phantom ground)
●
1 Balanced loudspeaker output with driving capability up to 500mW (VCCLS>3.5V; 1%
THD) over 8
Ω with 30dB range programmable gain
●
1 Balanced earphone output with driving capability up to 125mW
●
Transient suppression filter during power up and power down
●
Balanced/unbalanced stereo line outputs with 1 k
Ω driving capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com