Electronic Components Datasheet Search
  English  ▼

X  

SP7601 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP7601
Description  29V High Voltage LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7601 Datasheet(HTML) 1 Page - Exar Corporation

  SP7601 Datasheet HTML 1Page - Exar Corporation SP7601 Datasheet HTML 2Page - Exar Corporation SP7601 Datasheet HTML 3Page - Exar Corporation SP7601 Datasheet HTML 4Page - Exar Corporation SP7601 Datasheet HTML 5Page - Exar Corporation SP7601 Datasheet HTML 6Page - Exar Corporation SP7601 Datasheet HTML 7Page - Exar Corporation SP7601 Datasheet HTML 8Page - Exar Corporation SP7601 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Sept25-07 Rev D
SP7601 29V High Voltage LED Driver
© 2007 Exar Corporation
Page 1
FEATURES
Wide Input Voltage Range 4.5V – 29V
1.2MHz Constant Frequency Operation
Low 0.2V Reference Voltage
Adjustable Overcurrent Protection
PWM Dimming and Power sequencing Control
RoHS Compliant, Lead Free Packaging:
Small 6-Pin TSOT Package
DESCRIPTION
The SP7601 is a high current DC to DC Switching Buck LED Driver that features low component
count and high efficiency due to a very low 0.2V reference voltage. High 1.2MHz switching
frequency allows use of very small external components. The SP7601 is compatible with PWM
dimming up to a frequency of 1kHz at 10% Duty Cycle.
TYPICAL APPLICATION CIRCUIT
Vin
GND
Gate
FB
VDR
SP7601
LX
LED1
Rf b
1
4
5
3
6
2
D1
L1
Rset
M1
C1
0.1uF
Rs
D2
Dimming and
Power sequencing
VIN
up to 29V
GND
LEDn
Cin
Vo / LED +
SP7601
29V High Voltage LED Driver


Similar Part No. - SP7601

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7600 EXAR-SP7600 Datasheet
160Kb / 5P
Evaluation Board Masual
SP7600EB EXAR-SP7600EB Datasheet
160Kb / 5P
Evaluation Board Masual
SP7606 EXAR-SP7606 Datasheet
931Kb / 17P
Wide Input Voltage Boost Controller
SP7606ER-L EXAR-SP7606ER-L Datasheet
931Kb / 17P
Wide Input Voltage Boost Controller
SP7606ER-L/TR EXAR-SP7606ER-L/TR Datasheet
931Kb / 17P
Wide Input Voltage Boost Controller
More results

Similar Description - SP7601

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7604 EXAR-XRP7604 Datasheet
455Kb / 13P
1A 29V Non-Sync. Buck High Power LED Driver
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
High Voltage LED Driver
logo
Alpha & Omega Semicondu...
AOZ1977-1 AOSMD-AOZ1977-1 Datasheet
589Kb / 16P
High Voltage LED Driver IC
logo
IK Semicon Co., Ltd
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
HIGH-VOLTAGE LED DRIVER
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
UNIVERSAL HIGH VOLTAGE LED DRIVER
Rev 1
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
High Voltage Series LED Driver
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
High Voltage LED Lighting Driver
logo
MagnaChip Semiconductor...
MAP9000 MGCHIP-MAP9000 Datasheet
648Kb / 9P
High Voltage AC LED Driver
MAP9001 MGCHIP-MAP9001 Datasheet
835Kb / 11P
High Voltage AC LED Driver
logo
Maxic Technology Corpor...
MT7607H MAXIC-MT7607H Datasheet
97Kb / 1P
High Voltage Linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com