Electronic Components Datasheet Search
  English  ▼

X  

TB003 Datasheet(PDF) 1 Page - Microchip Technology

Part # TB003
Description  An Introduction to KELLOQ짰 Code Hopping
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TB003 Datasheet(HTML) 1 Page - Microchip Technology

  TB003 Datasheet HTML 1Page - Microchip Technology TB003 Datasheet HTML 2Page - Microchip Technology TB003 Datasheet HTML 3Page - Microchip Technology TB003 Datasheet HTML 4Page - Microchip Technology TB003 Datasheet HTML 5Page - Microchip Technology TB003 Datasheet HTML 6Page - Microchip Technology TB003 Datasheet HTML 7Page - Microchip Technology TB003 Datasheet HTML 8Page - Microchip Technology TB003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ó 1996 Microchip Technology Inc.
DS91002A-page 1
INTRODUCTION
Remote Control Systems
Remote control via RF or IR is popular for many appli-
cations, including vehicle alarms and automatic garage
doors. Conventional remote control systems are based
on unidirectional transmission and have limited secu-
rity. More sophisticated devices based on bi-directional
transmission are also available but, because of their
high cost and certain practical disadvantages, they are
not widely used in commercial remote control devices.
The popular unidirectional transmission systems cur-
rently have two very important security shortcomings:
the codes they transmit are usually fixed and the num-
ber of possible code combinations is relatively small.
Either of these shortcomings can lead to unauthorized
access.
Code Scanning
The limited number of possible combinations available in
most remote control systems makes it possible to trans-
mit all possible combinations in a relatively short time. A
hand held microprocessor-based system for this pur-
pose (called a code scanner) can easily be constructed.
In systems using eight DIP switches (256 combina-
tions), this scanning process can typically be accom-
plished in less than 32 seconds (when trying eight
combinations per second). Even in systems using
16-bit keys (yielding roughly 65,000 combinations),
only 2.25 hours would be required to try all possible
combinations. It should also be noted that the scanner
may gain access in far less than this maximum time—
the average time would in fact be half of the total time.
Scanning is counteracted by increasing the number of
possible code combinations. A 66-bit code will yield
7.3 x 1019 combination and will take 2.3 x 1011 years to
scan.
Code Grabbing
A far easier way of gaining unauthorized access to a
security system is freely available—such a unit is being
advertised as a tool for the “legal repossession of vehi-
cles.” To understand its operation, it is useful to know
something about remote controls.
Author: Kobus Marneweck
Microchip Technology Inc.
A remote control transmitter of the type normally used
in vehicle security systems, is nothing but a small radio
transmitter that transmits a code number on a certain
frequency. This code number is normally generated by
an integrated circuit encoder. The transmit frequency is
normally fixed by legislation within a particular country,
enabling anybody to build a simple receiver that can
receive signals from all such transmitters.
It is a simple matter to build a circuit to record such
transmissions captured by the receiver. Such a device
is known as a code or key grabber. A would-be vehicle
thief would typically lurk in a parking lot, waiting until a
vehicle owner arms his alarm with a remote control.
The key grabber would capture the transmitted code,
enabling the thief to retransmit this code as soon as the
owner leaves the parking lot. Typically, this would leave
the alarm and/or immobilizer disabled and even the
central locking unlocked.
The Solution
It is apparent that secure remote control systems can
only be implemented if two conditions are met. The
KEELOQ® code hopping system meets both these con-
ditions with ease.
• A large number of possible combinations must be
available.
A 66-bit transmission code is used to make scan-
ning impossible. The 32-bit encrypted portion pro-
vides for more than 4 billion code combinations. A
complete scan would take 17 years! If the 34-bit
fixed portion is taken into account, the time
required for a complete scan jumps to 5,600 bil-
lion years!
• The system may never respond twice to the same
transmitted code.
The random code algorithm will never respond to
the same code twice over several lifetimes of a
typical system.
Every time a remote control button is pushed, the sys-
tem will transmit a different code. These codes appear
random to an outsider – there is no apparent relation-
ship between any code and the previous or next code.
TB003
An Introduction to
KEELOQ® Code Hopping
KEELOQ is a registered trademark of Microchip Technology, Inc.
Microchip’s Secure Data Products are covered by some or all of the following patents:
Code hopping encoder patents issued in Europe, U.S.A., and R.S.A. — U.S.A.: 5,517,187; Europe: 0459781; R.S.A.: ZA93/4726
Secure learning patents issued in the U.S.A. and R.S.A. — U.S.A.: 5,686,904; R.S.A.: 95/5429


Similar Part No. - TB003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TB003 MICROCHIP-TB003 Datasheet
158Kb / 17P
USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
1997 - 2002
logo
CUI INC
TB003-500 CUI-TB003-500 Datasheet
301Kb / 3P
TERMINAL BLOCK
logo
Same Sky Devices
TB003-500 SAMESKY-TB003-500 Datasheet
219Kb / 3P
TERMINAL BLOCK
09/12/2024
TB003-500-P02BE SAMESKY-TB003-500-P02BE Datasheet
219Kb / 3P
TERMINAL BLOCK
09/12/2024
TB003-500-P02BK SAMESKY-TB003-500-P02BK Datasheet
219Kb / 3P
TERMINAL BLOCK
09/12/2024
More results

Similar Description - TB003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
logo
ON Semiconductor
AND8085 ONSEMI-AND8085 Datasheet
23Kb / 2P
An Introduction to FST
April, 2002 ??Rev. 0
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
KEELOQ Code Hopping Decoder
01/18/02
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
logo
STMicroelectronics
AN2644 STMICROELECTRONICS-AN2644 Datasheet
1Mb / 64P
An introduction to LLC resonant
15-Sep-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com