Electronic Components Datasheet Search
  English  ▼

X  

2SA2121 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA2121
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2121 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA2121 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2121 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2121 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2121 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2121
2006-11-16
2
Electrical Characteristics (Tc = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −200 V, IE = 0
―
―
−5.0
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
―
―
−5.0
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −50 mA, IB = 0
−200
―
―
V
hFE (1)
(Note 1)
VCE = −5 V, IC = −1 A
55
―
160
DC current gain
hFE (2)
VCE = −5 V, IC = −8 A
35
60
―
Collector-emitter saturation voltage
VCE (sat)
IC = −10 A, IB = −1 A
―
−1.5
−3.0
V
Base-emitter voltage
VBE
VCE = −5 V, IC = −8 A
―
−1.0
−1.5
V
Transition frequency
fT
VCE = −5 V, IC = −1 A
―
25
―
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
―
470
―
pF
Note 1: hFE(1) classification R: 55 to 110, O: 80 to 160
Marking
2SA2121
TOSHIBA
JAPAN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)
Characteristics
indicator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com