Electronic Components Datasheet Search
  English  ▼

X  

ADS5474 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5474 Datasheet HTML 9Page - Texas Instruments ADS5474 Datasheet HTML 10Page - Texas Instruments ADS5474 Datasheet HTML 11Page - Texas Instruments ADS5474 Datasheet HTML 12Page - Texas Instruments ADS5474 Datasheet HTML 13Page - Texas Instruments ADS5474 Datasheet HTML 14Page - Texas Instruments ADS5474 Datasheet HTML 15Page - Texas Instruments ADS5474 Datasheet HTML 16Page - Texas Instruments ADS5474 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
www.ti.com
Frequency
Hz
-
3
0
-3
-6
-9
-12
-15
-18
-21
10M
100M
1G
5G
f =400MSPS
A
=
0.38V
S
IN
PP
±
Code
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
2048
4096
6144
8192
10240 12288 14336 16384
f =400MSPS
S
f
=70MHz
IN
Code
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
0
2048
4096
6144
8192
10240 12288 14336 16384
f =400MSPS
S
f
=70MHz
IN
OutputCode
25
20
15
10
5
0
f =400MSPS
f
=VCM
S
IN
ADS5474
SLAS525 – JULY 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, sampling rate = 400 MSPS, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
NORMALIZED GAIN RESPONSE
vs
INPUT FREQUENCY
DIFFERENTIAL NONLINEARITY
Figure 14.
Figure 15.
INTEGRAL NONLINEARITY
NOISE HISTOGRAM WITH INPUTS SHORTED
Figure 16.
Figure 17.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com