Electronic Components Datasheet Search
  English  ▼

X  

74ACT11802 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11802
Description  TRIPLE 4-INPUT OR/NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11802 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11802 Datasheet HTML 1Page - Texas Instruments 74ACT11802 Datasheet HTML 2Page - Texas Instruments 74ACT11802 Datasheet HTML 3Page - Texas Instruments 74ACT11802 Datasheet HTML 4Page - Texas Instruments 74ACT11802 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
74ACT11802
TRIPLE 4-INPUT OR/NOR GATE
SCAS153A – D3594, JULY 1990 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
• Inputs Are TTL-Voltage Compatible
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
• 500-mA Typical Latch-Up Immunity
at 125
°C
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The 74ACT11802 contains three independent 4-input OR/NOR gates. They perform the Boolean functions in
positive logic Y = A + B + C + D and Z = A + B + C + D.
The 74ACT11802 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
(each 4-input gate)
INPUTS
OUTPUTS
A
B
C
D
Y
Z
H
X
X
X
H
L
X
HX
X
H
L
X
XHX
H
L
X
XX
H
H
L
L
L
L
L
L
H
logic symbol†
logic diagram, each section (positive logic)
Z
1
1A
24
1B
23
1C
22
1D
1Y
2
1Z
3
21
2A
20
2B
17
2C
16
2D
2Y
4
2Z
9
15
3A
14
3B
13
3C
12
3D
3Y
10
3Z
11
≥ 1
A
Y
B
C
D
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1A
1Y
1Z
2Y
GND
GND
GND
GND
2Z
3Y
3Z
3D
1B
1C
1D
2A
2B
VCC
VCC
2C
2D
3A
3B
3C
DW OR NT PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT11802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11802 TI1-74ACT11802 Datasheet
77Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
74ACT11802DW TI1-74ACT11802DW Datasheet
77Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
74ACT11802DWR TI1-74ACT11802DWR Datasheet
77Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
74ACT11802NT TI1-74ACT11802NT Datasheet
77Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
74ACT11802 TI1-74ACT11802_09 Datasheet
77Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
More results

Similar Description - 74ACT11802

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100301 NSC-100301 Datasheet
105Kb / 6P
Low Power Triple 5-Input OR/NOR Gate
logo
ON Semiconductor
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
logo
Motorola, Inc
MC10E101 MOTOROLA-MC10E101 Datasheet
98Kb / 4P
QUAD 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
logo
Fairchild Semiconductor
100301 FAIRCHILD-100301 Datasheet
77Kb / 7P
Low Power Triple 5-Input OR/NOR Gate
logo
Micrel Semiconductor
SY100S301 MICREL-SY100S301 Datasheet
96Kb / 5P
TRIPLE 5-INPUT OR/NOR GATE
SY10E101 MICREL-SY10E101 Datasheet
66Kb / 3P
QUAD 4-INPUT OR/NOR GATE
SY10E101 MICREL-SY10E101_06 Datasheet
64Kb / 4P
QUAD 4-INPUT OR/NOR GATE
SY100S301 MICREL-SY100S301_07 Datasheet
78Kb / 5P
TRIPLE 5-INPUT OR/NOR GATE
logo
Texas Instruments
74ACT11802 TI1-74ACT11802_09 Datasheet
77Kb / 5P
TRIPLE 4-INPUT OR/NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com