Electronic Components Datasheet Search
  English  ▼

X  

ADS8515IBDB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8515IBDB
Description  16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8515IBDB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8515IBDB Datasheet HTML 3Page - Texas Instruments ADS8515IBDB Datasheet HTML 4Page - Texas Instruments ADS8515IBDB Datasheet HTML 5Page - Texas Instruments ADS8515IBDB Datasheet HTML 6Page - Texas Instruments ADS8515IBDB Datasheet HTML 7Page - Texas Instruments ADS8515IBDB Datasheet HTML 8Page - Texas Instruments ADS8515IBDB Datasheet HTML 9Page - Texas Instruments ADS8515IBDB Datasheet HTML 10Page - Texas Instruments ADS8515IBDB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
70
75
80
85
90
95
100
-55 -40 -25 -10
5
20 35 50 65 80 95 110 125
T -Free-Air-Temperature- C
A
°
f =250KSPS
f =20kHz
s
i
4.09
4.091
4.092
4.093
4.094
4.095
4.096
4.097
4.098
4.099
4.1
-40
-25
-10
5
20
35
50
65
80
T -Free-Air-Temperature- C
A
°
-100
-95
-90
-85
-80
-75
-70
-55 -40 -25 -10
5
20 35 50 65 80 95 110 125
T -Free-Air-Temperature- C
A
°
f =250KSPS
f =20kHz
s
i
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-25
-10
5
20
35
50
65
80
T -Free-Air-Temperature- C
A
°
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
-40
-25
-10
5
20
35
50
65
80
InternalReference
T -Free-Air-Temperature- C
A
°
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
ExternalReference
-40
-25
-10
5
20
35
50
65
80
T -Free-Air-Temperature- C
A
°
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
InternalReference
-40
-25
-10
5
20
35
50
65
80
T -Free-Air-Temperature- C
A
°
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
ExternalReference
-40
-25
-10
5
20
35
50
65
80
T -Free-Air-Temperature- C
A
°
0.015
0.017
0.019
0.021
0.023
0.025
-40
-25
-10
5
20
35
50
65
80
T -Free-Air-Temperature- C
A
°
ADS8515
SLAS460A – JUNE 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
INTERNAL REFERENCE VOLTAGE
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
BIPOLAR ZERO ERROR
NEGATIVE FULL-SCALE ERROR
NEGATIVE FULL-SCALE ERROR
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
POSITIVE FULL-SCALE ERROR
POSITIVE FULL-SCALE ERROR
SUPPLY CURRENT
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com