Electronic Components Datasheet Search
  English  ▼

X  

CDCEL913 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCEL913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCEL913 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCEL913 Datasheet HTML 12Page - Texas Instruments CDCEL913 Datasheet HTML 13Page - Texas Instruments CDCEL913 Datasheet HTML 14Page - Texas Instruments CDCEL913 Datasheet HTML 15Page - Texas Instruments CDCEL913 Datasheet HTML 16Page - Texas Instruments CDCEL913 Datasheet HTML 17Page - Texas Instruments CDCEL913 Datasheet HTML 18Page - Texas Instruments CDCEL913 Datasheet HTML 19Page - Texas Instruments CDCEL913 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.ti.com
CDCE913
CDCEL913
SCAS849A – JUNE 2007 – REVISED AUGUST 2007
Table 9. Generic Configuration Register (continued)
Offset
(1)
Bit
(2)
Acronym
Default
(3)
Description
07h-0Fh
—
0h
Unused address range
Table 10. PLL1 Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
7:5
SSC1_7 [2:0]
000b
SSC1: PLL1 SSC Selection (Modulation Amount)(4)
10h
4:2
SSC1_6 [2:0]
000b
Down
Center
000 (off)
000 (off)
1:0
SSC1_5 [2:1]
001 – 0.25%
001 ± 0.25%
000b
010 – 0.5%
010 ± 0.5%
7
SSC1_5 [0]
011 – 0.75%
011 ± 0.75%
6:4
SSC1_4 [2:0]
000b
100 – 1.0%
100 ± 1.0%
11h
101 – 1.25%
101 ± 1.25%
3:1
SSC1_3 [2:0]
000b
110 – 1.5%
110 ± 1.5%
0
SSC1_2 [2]
111 – 2.0%
111 ± 2.0%
000b
7:6
SSC1_2 [1:0]
12h
5:3
SSC1_1 [2:0]
000b
2:0
SSC1_0 [2:0]
000b
7
FS1_7
0b
FS1_x: PLL1 Frequency Selection(4)
6
FS1_6
0b
5
FS1_5
0b
4
FS1_4
0b
13h
0 – fVCO1_0 (predefined by PLL1_0 – Multiplier/Divider value)
3
FS1_3
0b
1 – fVCO1_1 (predefined by PLL1_1 – Multiplier/Divider value)
2
FS1_2
0b
1
FS1_1
0b
0
FS1_0
0b
14h
0 – PLL1
7
MUX1
1b
PLL1 Multiplexer:
1 – PLL1 Bypass (PLL1 is in power down)
0 – Pdiv1
6
M2
1b
Output Y2 Multiplexer:
1 – Pdiv2
00 – Pdiv1-Divider
01 – Pdiv2-Divider
5:4
M3
10b
Output Y3 Multiplexer:
10 – Pdiv3-Divider
11 – reserved
3:2
Y2Y3_ST1
11b
00 – Y2/Y3 disabled to 3-State (PLL1 is in power down)
01 – Y2/Y3 disabled to 3-State
Y2, Y3-State0/1definition:
10–Y2/Y3 disabled to low
1:0
Y2Y3_ST0
01b
11 – Y2/Y3 enabled
7
Y2Y3_7
0b
Y2Y3_x Output State Selection (4)
6
Y2Y3_6
0b
5
Y2Y3_5
0b
4
Y2Y3_4
0b
15h
0 – state0 (predefined by Y2Y3_ST0)
3
Y2Y3_3
0b
1 – state1 (predefined by Y2Y3_ST1)
2
Y2Y3_2
0b
1
Y2Y3_1
1b
0
Y2Y3_0
0b
(1)
Writing data beyond 20h may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
The user can predefine up to eight different control settings. In normal device operation, these settings can be selected by the external
control pins, S0, S1, and S2.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com