Electronic Components Datasheet Search
  English  ▼

X  

CDCE913PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913PWR
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE913PWR Datasheet HTML 2Page - Texas Instruments CDCE913PWR Datasheet HTML 3Page - Texas Instruments CDCE913PWR Datasheet HTML 4Page - Texas Instruments CDCE913PWR Datasheet HTML 5Page - Texas Instruments CDCE913PWR Datasheet HTML 6Page - Texas Instruments CDCE913PWR Datasheet HTML 7Page - Texas Instruments CDCE913PWR Datasheet HTML 8Page - Texas Instruments CDCE913PWR Datasheet HTML 9Page - Texas Instruments CDCE913PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
DEVICE CHARACTERISTICS
CDCE913
CDCEL913
SCAS849A – JUNE 2007 – REVISED AUGUST 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OVERALL PARAMETER
All outputs off, fCLK = 27 MHz,
All PLLS on
11
IDD
Supply current (see Figure 3)
fVCO = 135 MHz;
mA
9
Per PLL
fOUT = 27 MHz
VDDOUT = 3.3 V
1.3
No load, all outputs on,
IDD(OUT)
Supply current (see Figure 4 and Figure 5)
mA
fOUT = 27 MHz
VDDOUT = 1.8 V
0.7
Power-down current. Every circuit powered
IDD(PD)
fIN = 0 MHz,
VDD = 1.9 V
30
μA
down except SDA/SCL
Supply voltage Vdd threshold for power-up
V(PUC)
0.85
1.45
V
control circuit
fVCO
VCO frequency range of PLL
80
230
MHz
VDDOUT = 3.3 V
230
fOUT
LVCMOS output frequency
MHz
VDDOUT = 1.8 V
230
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VDD = 1.7 V; II = –18 mA
–1.2
V
II
LVCMOS Input current
VI = 0 V or VDD; VDD = 1.9 V
±5
μA
IIH
LVCMOS Input current for S0/S1/S2
VI = VDD; VDD = 1.9 V
5
μA
IIL
LVCMOS Input current for S0/S1/S2
VI = 0 V; VDD = 1.9 V
–4
μA
Input capacitance at Xin/Clk
VIClk = 0 V or VDD
6
CI
Input capacitance at Xout
VIXout = 0 V or VDD
2
pF
Input capacitance at S0/S1/S2
VIS = 0 V or VDD
3
CDCE913 - LVCMOS PARAMETER FOR VDDOUT = 3.3 V – MODE
VDDOUT = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
VDDOUT = 3 V, IOH = –8 mA
2.4
V
VDDOUT = 3 V, IOH = –12 mA
2.2
VDDOUT = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VDDOUT = 3 V, IOL = 8 mA
0.5
V
VDDOUT = 3 V, IOL = 12 mA
0.8
tPLH, tPHL
Propagation delay
PLL bypass
3.2
ns
tr/tf
Rise and fall time
VDDOUT = 3.3 V (20%–80%)
0.6
ns
tjit(cc)
Cycle-to-cycle jitter(2) (3)
1 PLL switching, Y2-to-Y3
50
70
ps
tjit(per)
Peak-to-peak period jitter(3)
1 PLL switching, Y2-to-Y3
60
100
ps
tsk(o)
Output skew (4) , See Table 2
fOUT = 50 MHz; Y1-to-Y3
60
ps
odc
Output duty cycle (5)
fVCO = 100 MHz; Pdiv = 1
45%
55%
CDCE913 – LVCMOS PARAMETER for VDDOUT = 2.5 V – Mode
VDDOUT = 2.3 V, IOH = –0.1 mA
2.2
VOH
LVCMOS high-level output voltage
VDDOUT = 2.3 V, IOH = –6 mA
1.7
V
VDDOUT = 2.3 V, IOH = –10 mA
1.6
VDDOUT = 2.3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VDDOUT = 2.3 V, IOL = 6 mA
0.5
V
VDDOUT = 2.3 V, IOL = 10 mA
0.7
tPLH, tPHL
Propagation delay
PLL bypass
3.6
ns
tr/tf
Rise and fall time
VDDOUT = 2.5 V (20%–80%)
0.8
ns
tjit(cc)
Cycle-to-cycle jitter(2) (3)
1 PLL switching, Y2-to-Y3
50
70
ps
tjit(per)
Peak-to-peak period jitter(3)
1 PLL switching, Y2-to-Y3
60
100
ps
tsk(o)
Output skew(4) , See Table 2
fOUT = 50 MHz; Y1-to-Y3
60
ps
odc
Output duty cycle(5)
fVCO = 100 MHz; Pdiv = 1
45%
55%
(1)
All typical values are at respective nominal VDD.
(2)
10000 cycles.
(3)
Jitter depends on configuration. Jitter data is for input frequency = 27 MHz, fVCO = 108 MHz, fOUT = 27 MHz (measured at Y2).
(4)
The tsk(o) specification is only valid for equal loading of each bank of outputs, and the outputs are generated from the same divider.
(5)
odc depends on output rise and fall time (tr/tf); data sampled on rising edge (tr)
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com