Electronic Components Datasheet Search
  English  ▼

X  

ML145503 Datasheet(PDF) 17 Page - LANSDALE Semiconductor Inc.

Part # ML145503
Description  PCM Codec-Filter Mono-Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503 Datasheet(HTML) 17 Page - LANSDALE Semiconductor Inc.

Back Button ML145503 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145503 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145503 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145503 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145503 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145503 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145503 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145503 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145503 Datasheet HTML 21Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
Figure 22. Simple Clock Circuit for Driving ML145502/03/05 Codec–Filters
2.048 MHz
8 kHz
255
256
1
2
3
4
5
6
7
8
9
10
2.048 MHz
(TDC, RDC, CCI)
18 pF
+ 5 V
+ 5 V
+ 5 V
VCC
ROSC
IN
OSC
OUT 1
OSC
OUT 2
8 kHz
(TDE, RCE, MSI)
GND Q8
Q4
GND
Q
JQ
K
1/2
MC74HC73
VCC
2.048 MHz
18 pF
300
Ω
10 M
Ω
MC74HC4060
0.1
µF
1/2
MC74HC73
R
Q
JQ
K
R
www.lansdale.com
Page 17 of 26
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com