Electronic Components Datasheet Search
  English  ▼

X  

AN897 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN897
Description  Thermistor Temperature Sensing with MCP6SX2 PGAs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN897 Datasheet(HTML) 1 Page - Microchip Technology

  AN897 Datasheet HTML 1Page - Microchip Technology AN897 Datasheet HTML 2Page - Microchip Technology AN897 Datasheet HTML 3Page - Microchip Technology AN897 Datasheet HTML 4Page - Microchip Technology AN897 Datasheet HTML 5Page - Microchip Technology AN897 Datasheet HTML 6Page - Microchip Technology AN897 Datasheet HTML 7Page - Microchip Technology AN897 Datasheet HTML 8Page - Microchip Technology AN897 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2004 Microchip Technology Inc.
DS00897B-page 1
AN897
INTRODUCTION
This application note shows two designs that use a
precise,
negative
temperature
coefficient
(NTC)
thermistor
for
temperature
measurement.
The
thermistor is placed in a resistive divider to linearize the
temperature-to-voltage conversion. The voltage is
processed in the analog domain by the MCP6SX2
(MCP6S22 or MCP6S92) Programmable Gain Amplifier
(PGA) before conversion to the digital domain.
The first design is simpler and has a smaller tempera-
ture range. The second design changes the PGA’s gain
to achieve a greater temperature range. Both designs
use a piece-wise linear interpolation table to correct the
remaining non-linearity and convert voltage into
degrees Celsius. The design trade-offs between these
approaches will be discussed.
These circuits take advantage of the MCP6SX2’s input
multiplexer (MUX). The PGA is used to process
multiple signals and/or temperatures and digitally sets
the most appropriate gain for each input. This reduces
overall design complexity and allows for temperature
correction of other sensors.
THERMISTOR
The thermistor used in the application note is part
number 2322 640 55103 from BC Components®; see
Figure 1 and Figure 2. This part is selected for its
accuracy and cost. The thermistor’s temperature is
TTH, while the rest of the circuit is at ambient
temperature TA.
FIGURE 1:
Thermistor Response.
Key specifications include [1, 2]:
• Resistance at +25°C: 10 k
Ω ± 1%
•B25/85 tolerance: ±0.75%
• Operating temperature range: -40°C to +125°C
(to +150°C for short periods)
• Maximum power
- 100 mW, TTH = 0°C to +55°C
- 100% de-rated at TTH = -40°C and +85°C
• Thermal dissipation factor: 2.2 mW/°C
• Response time: 1.7 s (in oil)
FIGURE 2:
Thermistor Accuracy.
Thermistors with different price and accuracy trade-offs
may also be used in this application. It is simple to
modify the circuits to match the desired accuracy.
CIRCUIT
The circuit shown in Figure 3 is used for both designs
described later. It is implemented on the Thermistor
PGA PICtail™ Daughter Board (see Appendix A.1
“Thermistor PGA PICtail Daughter Board”).
The resistor RA makes the voltage vs. temperature
response reasonably linear. RB and CB reduce the
noise and act as an anti-aliasing filter for the ADC. The
MCP6SX2 PGA (MCP6S22 [5] or MCP6S92 [6])
buffers the voltage VDIV. The PGA can be digitally
controlled to change its gain or channel (input).
The PIC16F684 [8] is on the Signal Analysis PICtail™
Daughter Board (see Appendix A.2.5 “Signal Analy-
sis PICtail Daughter Board”). It has an internal 10-bit
ADC that converts VOUT to the digital domain. It can fur-
ther process VOUT (e.g., averaging) and convert it to
temperature. It communicates with the PGA via the
SPI™ serial bus.
Author:
Kumen Blake and Steven Bible
Microchip Technology Inc.
100
1000
10000
100000
1000000
-50
-25
0
25
50
75
100
125
150
Thermistor Temperature (˚C)
100
1k
10k
100k
1M
BC Components
®
# 2322 640 55103
10 k
Ω @ +25˚C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Thermistor Temperature (°C)
BC Components
®
# 2322 640 55103
10 k
Ω @ +25°C
Thermistor Temperature Sensing with MCP6SX2 PGAs


Similar Part No. - AN897

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN892 SILABS-AN892 Datasheet
314Kb / 16P
DESIGN GUIDE FOR ISOLATED DC/DC USING THE
logo
Panasonic Semiconductor
AN8946SB PANASONIC-AN8946SB Datasheet
86Kb / 10P
FM demodulation IC for BS/CS broadcasting
AN8955SSM PANASONIC-AN8955SSM Datasheet
55Kb / 3P
Crystal Oscillators IC
logo
Infineon Technologies A...
AN89610 INFINEON-AN89610 Datasheet
880Kb / 59P
PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
logo
STMicroelectronics
AN898 STMICROELECTRONICS-AN898 Datasheet
139Kb / 4P
EMC GENERAL INFORMATION
More results

Similar Description - AN897

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF11 ETC2-MF11 Datasheet
246Kb / 2P
Temperature Compensation NTC Thermistor
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
SMD PTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
SMD NTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
SMD NTC Thermistor for Temperature Sensing
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_V01 Datasheet
1Mb / 36P
TMP61 Small Silicon-Based Linear Thermistor for Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com