Electronic Components Datasheet Search
  English  ▼

X  

ML145506 Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML145506
Description  PCM Codec-Filter Mono-Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145506 Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML145506 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145506 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145506 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145506 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145506 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145506 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145506 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145506 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145506 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ML145506
LANSDALE Semiconductor, Inc.
To A–Law —
MSB is unchanged (sign)
Invert odd numbered bits
Ignore zero code suppression
PDI
Power Down Input
The power down input disables the bias circuitry and gates
off all clock inputs. This puts the VAG, Txl, RxO, RxO, and
TDD outputs into a high–impedance state. The power dissi-
pation is reduced to 0.1 mW when PDI is a low logic level.
The circuit operates normally with PDI = VDD or with a logic
high as defined by connection at VLS. TDD will not come out
of high impedance for two MSI cycles after PDI goes high.
ANALOG
VAG
Analog Ground Input/Output Pin
VAG is the analog ground power supply input/output. All
analog signals into and out of the device use this as their
ground reference. Each version of the ML1455xx PCM
codec–filter family can provide its own analog ground supply
internally. The dc voltage of this internal supply is 6% posi-
tive of the midway between VDD and VSS. This supply can
sink more than 8 mA but has a current source limited to 400
µA. The output of this supply is internally connected to the
analog ground input of the part. The node where this supply
and the analog ground are connected is brought out to the
VAG pin. In symmetric dual supply systems (±5, ±6, etc.),
VAG may be externally tied to the system analog ground sup-
ply. When RxO or RxO drive low–impedance loads tied to
VAG, a pull–up resistor to VDD will be required to boost the
source current capability if VAG is not tied to the supply
ground. All analog signals for the part are referenced to VAG,
including noise; therefore, decoupling capacitors (0.1 µF)
should be used from VDD to VAG and VSS to VAG.
Vref
Positive Voltage Reference Input
The Vref pin allows an external reference voltage to be used
for the A/D and D/A conversions. If Vref is tied to VSS, the
internal reference is selected. If Vref > VAG, then the external
mode is selected and the voltage applied to Vref is used for
generating the internal converter reference voltage. In either
internal or external reference mode, the actual voltage used
for conversion is multiplied by the ratio selected by the RSI
pin. The RSI pin circuitry is explained under its pin descrip-
tion below. Both the internal and external references are
inverted within the PCM codec–filter for negative input volt-
ages such that only one reference is required.
External Mode — In the external reference mode (Vref
>VAG), a 2.5 V reference like the MC1403 may be connected
from Vref to VAG. A single external reference may be shared
by tying together a number of Vref pins and VAG pins from
different codec–filters. In special applications, the external
reference voltage may be between 0.5 and 5 V. However, the
reference voltage gain selection circuitry associated with RSI
must be considered to arrive at the desired codec–filter gain.
Internal Mode — In the internal reference mode (Vref
=VSS), an internal 2.5 V reference supplies the reference volt-
age for the RSI circuitry.
RSI
Reference Select Input
The RSI input allows the selection of three different over-
load or full–scale A/D and D/A converter reference voltages
independent of the internal or external reference mode. The
RSI pin is a digital input that senses three different logic
states: VSS, VAG, and VDD. For RSI = VAG, the reference
voltage is used directly for the converters. The internal refer-
ence is 2.5 V. For RSI = VSS, the reference voltage is multi-
plied by the ratio of 1.26, which results in an internal convert-
er reference of 3.15 V. For RSI = VDD, the reference voltage
is multiplied by 1.51, which results in an internal converter
reference of 3.78 V. The device requires a minimum of 1.0 V
of headroom between the internal converter reference to VDD.
VSS has this same absolute valued minimum, also measured
from the VAG pin. The various modes of operation are sum-
marized in Table 2.
RxO, RxO
Receive Analog Outputs
These two complimentary outputs are generated from the
output of the receive filter. They are equal in magnitude and
out of phase. The maximum signal output of each is equal to
the maximum peak–to–peak signal described with the refer-
ence. If a 3.15 V reference is used with RSI tied to VAG and a
3 dBm0 sine wave is decoded, the RxO output will be a 6.3 V
peak–to–peak signal. RxO will also have an inverted signal
output of 6.3 V peak–to–peak. External loads may be con-
nected from RxO to RxO for a 6 dB push–pull signal gain or
from either RxO or RxO to VAG. With a 3.15 V reference,
each output will drive 600
Ω to 9 dBm. With RSI tied to
VDD, each output will drive 900 Ω to 9 dBm.
RxG
Receive Output Gain Adjust
The purpose of the RxG pin is to allow external gain adjust-
ment for the RxO pin. If RxG is left open, then the output sig-
nal at RxO will be inverted and output at RxO. Thus, the
push–pull gain to a load from RxO to RxO is two times the
output level at RxO. If external resistors are applied from
RxO to RxG (RI) and from RxG to RxO (RG), the gain of
RxO can be set differently from inverting unity. These resis-
tors should be in the range of 10 k
Ω. The RxO output level is
unchanged by the resistors and the RxO gain is approximately
equal to minus RG/RI. The actual gain is determined by tak-
ing into account the internal resistors which will be in parallel
to these external resistors. The internal resistors have a large
tolerance, but they match each other very closely. This match-
ing tends to minimize the effects of their tolerance on external
gain configurations. The circuit for RxG and RxO is shown in
the Block Diagram.
Txl
Transmit Analog Input
TxI is the input to the transmit filter. It is also the output of
the transmit gain amplifier. The TxI input has an internal gain
www.lansdale.com
Page 9 of 20
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com