Electronic Components Datasheet Search
  English  ▼

X  

DAC8820IBDB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8820IBDB
Description  16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8820IBDB Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8820IBDB Datasheet HTML 8Page - Texas Instruments DAC8820IBDB Datasheet HTML 9Page - Texas Instruments DAC8820IBDB Datasheet HTML 10Page - Texas Instruments DAC8820IBDB Datasheet HTML 11Page - Texas Instruments DAC8820IBDB Datasheet HTML 12Page - Texas Instruments DAC8820IBDB Datasheet HTML 13Page - Texas Instruments DAC8820IBDB Datasheet HTML 14Page - Texas Instruments DAC8820IBDB Datasheet HTML 15Page - Texas Instruments DAC8820IBDB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.ti.com
45
55
65
75
85
95
105
115
-
-
-
-
-
-
-
-
10
100
1000
10k 20k 30k
Frequency(Hz)
500kHzFilter
80kHzFilter
30kHzFilter
CodeFFFFh
V
=6V
REF
RMS
1
V
=+5V
DD
OneOPA627
C =20pF
THEORY OF OPERATION
R
R
R
I
OUT
GND
V
REF
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
¼
¼
¼
R
FB
V
OUT
+ *VREF
D
65536
(1)
DAC8820
SBAS358C – AUGUST 2005 – REVISED JUNE 2006
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
UNIPOLAR MULTIPLYING MODE THD
vs FREQUENCY
Figure 37.
The DAC8820 is a multiplying, single-channel current output, 16-bit DAC. The architecture, illustrated in
Figure 38, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the ladder is either
switched to GND or to the IOUT terminal. The IOUT terminal of the DAC is held at a virtual GND potential by the
use of an external I/V converter op amp. The R-2R ladder is connected to an external reference input (VREF) that
determines the DAC full-scale current. The R-2R ladder presents a code independent load impedance to the
external reference of 6 k
Ω ± 25%. The external reference voltage can vary in a range of –15 V to +15 V, thus
providing bipolar IOUT current operation. By using an external I/V converter op amp and the RFB resistor in the
DAC8820, an output voltage range of –VREF to +VREF can be generated.
Figure 38. Equivalent R-2R DAC Circuit
The DAC output voltage is determined by VREF and the digital data (D) according to Equation 1:
Each DAC code determines the 2R-leg switch position to either GND or IOUT. The external I/V converter op amp
noise gain will also change because the DAC output impedance (as seen looking into the IOUT terminal) changes
versus code. Because of this, the external I/V converter op amp must have a sufficiently low offset voltage such
that the amplifier offset is not modulated by the DAC IOUT terminal impedance change. External op amps with
large offset voltages can produce INL errors in the transfer function of the DAC8820 because of offset
modulation versus DAC code. For best linearity performance of the DAC8820, an op amp (OPA277) is
recommended, as shown in Figure 39. This circuit allows VREF to swing from –10 V to +10 V.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com