Electronic Components Datasheet Search
  English  ▼

X  

DAC8820IBDBR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8820IBDBR
Description  16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8820IBDBR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC8820IBDBR Datasheet HTML 12Page - Texas Instruments DAC8820IBDBR Datasheet HTML 13Page - Texas Instruments DAC8820IBDBR Datasheet HTML 14Page - Texas Instruments DAC8820IBDBR Datasheet HTML 15Page - Texas Instruments DAC8820IBDBR Datasheet HTML 16Page - Texas Instruments DAC8820IBDBR Datasheet HTML 17Page - Texas Instruments DAC8820IBDBR Datasheet HTML 18Page - Texas Instruments DAC8820IBDBR Datasheet HTML 19Page - Texas Instruments DAC8820IBDBR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
DAC8820
V
DD
V
DD
U2
GND
R
OFS
R
FB
V
OUT
I
OUT
V
REF
V
REF
U1
C1
10 pF
OPA277
U3
OPA277
R2
′
15 k
Ω
R3
′
50 k
Ω
R1
′
150 k
Ω
R3
50
Ω
R2
15 k
Ω
R1
150 k
Ω
LOAD
I
L
C2
10pF
Cross-Reference
DAC8820
SBAS358C – AUGUST 2005 – REVISED JUNE 2006
APPLICATION INFORMATION (continued)
Figure 43. Programmable Bidirectional Current Source Circuit
The DAC8820 has an industry-standard pinout. Table 2 provides the cross-reference information.
Table 2. Cross-Reference
SPECIFIED
CROSS-
TEMPERATURE
PACKAGE
PACKAGE
REFERENCE
PRODUCT
BIT
INL (LSB)
DNL (LSB)
RANGE
DESCRIPTION
OPTION
PART
DAC8820IBDB
16
±2
±1
–40
°C to +85°C
SSOP-28
SSOP-28
LTC1597BIG
DAC8820ICDB
16
±1
±1
–40
°C to +85°C
SSOP-28
SSOP-28
LTC1597AIG
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com