Electronic Components Datasheet Search
  English  ▼

X  

R1100 Datasheet(PDF) 2 Page - RDC Semiconductor

Part # R1100
Description  16 Bit RISC Micro Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R1100 Datasheet(HTML) 2 Page - RDC Semiconductor

  R1100 Datasheet HTML 1Page - RDC Semiconductor R1100 Datasheet HTML 2Page - RDC Semiconductor R1100 Datasheet HTML 3Page - RDC Semiconductor R1100 Datasheet HTML 4Page - RDC Semiconductor R1100 Datasheet HTML 5Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R1100
RDC®
RISC DSP Communication
16 Bit RISC Micro Processor
Specifications subject to change without notice, contact your sales representatives for the most update information.
RDC Confidential
Page 2 of 5
REV 1.0 May. 04 2007
1
Features
l
CPU Core
-
RDC’s proprietary RISC architecture
-
Five-stages pipeline
-
Operation frequency: 80MHz
-
Support CPU ID
-
Supports 32 PIO pins
-
External bus, Internal bus and core in the same
clock base
l
Bus interface
-
Multiplexed address and Data bus
-
With 8-bit or 16-bit boot ROM bus size
-
Supports direct address bus [A19 : A0]
-
8-bit or 16-bit external bus dynamic access
l
ROM/RAM/DRAM Controller and Addressing
Space
-
1M byte memory address space
-
64K byte I/O space
l
Software
-
Software compatible with generic 80C186
microprocessor
l
Asynchronous Serial Channels
-
Support two Asynchronous serial channels with
hardware handshaking signals.
l
Interrupt Controller
-
The interrupt controller with seven maskable
external interrupts and one non-maskable
external interrupt (NMI)
l
Two Independent DMA Channels
l
Integrate PLL(*1~*8)
l
Programmable Chip-select Logic
-
Programmable chip-select logic for Memory or
I/O bus cycle decoder
l
Programmable Wait-state Generator
l
Counter/Timers
-
Three independent 16-bit timers and one
independent programmable watchdog timer
l
Operating Voltage Range
-
Operation voltage: 3.3V
-
I/O pin input voltage: 3.3V ~ 5V
-
I/O pin output voltage: 3.3V
l
Package Type
-
100 Pin PQFP & LQFP
l
A Green Product



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com