Electronic Components Datasheet Search
  English  ▼

X  

LF151 Datasheet(PDF) 3 Page - SYC Electronica

Part # LF151
Description  WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LF151 Datasheet(HTML) 3 Page - SYC Electronica

  LF151 Datasheet HTML 1Page - SYC Electronica LF151 Datasheet HTML 2Page - SYC Electronica LF151 Datasheet HTML 3Page - SYC Electronica LF151 Datasheet HTML 4Page - SYC Electronica LF151 Datasheet HTML 5Page - SYC Electronica LF151 Datasheet HTML 6Page - SYC Electronica LF151 Datasheet HTML 7Page - SYC Electronica LF151 Datasheet HTML 8Page - SYC Electronica LF151 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LF151 - LF251 - LF351
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
MAXIMUM PEAK-TO-PEAK OUTPUT
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
310
13
mV
DVio
Input Offset Voltage Drift
10
µV/°C
Iio
Input Offset Current- note 1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature.
5100
4
pA
nA
Iib
Input Bias Current -note 1
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
20
200
20
nA
Avd
Large Signal Voltage Gain
(R
L = 2kΩ, Vo = ±10V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
86
dB
ICC
Supply Current, no load
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.4
3.4
3.4
mA
Vicm
Input Common Mode Voltage Range
±11
+15
-12
V
CMR
Common Mode Rejection Ratio (RS = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
70
70
86
dB
IOS
Output Short-circuit Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
10
10
40
60
60
mA
±Vopp
Output Voltage Swing
Tamb = +25°C
RL = 2kΩ
RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 2kΩ
RL = 10kΩ
10
12
10
12
12
13.5
V
SR
Slew Rate
Vi = 10V, RL = 2kΩ, CL = 100pF, Tamb = +25°C, unity gain
12
16
V/
µs
tr
Rise Time
Vi = 20mV, RL = 2kΩ, CL = 100pF, Tamb = +25°C, unity gain
0.1
µs
Kov
Overshoot
Vi = 20mV, RL = 2kΩ, CL = 100pF, Tamb = +25°C, unity gain
10
%
GBP
Gain Bandwidth Product
f = 100kHz, Tamb = +25°C,Vin = 10mV, RL = 2kΩ, CL = 100pF
2.5
4
MHz
Ri
Input Resistance
1012
THD
Total Harmonic Distortion ( f = 1kHz, Av = 20dB
RL = 2kΩ, CL = 100pF, Tamb = +25°C,Vo = 2Vpp)
0.01
en
Equivalent Input Noise Voltage
RS = 100Ω, f = 1KHz
15
∅m
Phase Margin
45
Degrees
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com