Electronic Components Datasheet Search
  English  ▼

X  

R1620 Datasheet(PDF) 2 Page - RDC Semiconductor

Part # R1620
Description  FAST ETHERNET RISC PROCESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R1620 Datasheet(HTML) 2 Page - RDC Semiconductor

  R1620 Datasheet HTML 1Page - RDC Semiconductor R1620 Datasheet HTML 2Page - RDC Semiconductor R1620 Datasheet HTML 3Page - RDC Semiconductor R1620 Datasheet HTML 4Page - RDC Semiconductor R1620 Datasheet HTML 5Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R1620
R
RD
DC
C®®
R
RIISSC
C D
DSSPP C
Coom
mm
muunniiccaattiioonn
FAST ETHERNET RISC PROCESSOR
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 2 of 5
REV 1.0 Sep. 20 2006
1.
Features
l
Five-stage pipeline
l
RISC architecture
l
Bus interface
- Multiplexed address and Data bus
- Supports non-multiplexed address bus A[19:0]
- 8-bit or 16-bit external bus dynamic access
- 1M-byte memory address space
- 64K-byte I/O space
- Supports an independent bus for slower I/O
device
l
Software is compatible with the 80C186
microprocessor
l
Supports two 16550 UART serial channel with 16
bytes FIFO.
l
Supports CPU ID
l
Supports 32 PIO pins
l
SDRAM control Interface
l
Three independent 16-bit timers and one independent
programmable watchdog timer
l
The Interrupt controller with six maskable external
interrupts and two non-maskable external
interrupt
l
Two independent DMA channels
l
Programmable chip-select logic for Memory or
I/O bus cycle decoder
l
Programmable wait-state generator
l
With 8-bit or 16-bit Boot ROM bus size
l
2-Port Fast Ethernet MAC with MII interface
l
With 25MHz input frequency and up to 4x25MHz
maximum internal frequency.
l
Compatible with 3.3V I/O.
l
Package Types include 160-pin PQFP and 160-pin
LQFP.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com