Electronic Components Datasheet Search
  English  ▼

X  

R2021 Datasheet(PDF) 4 Page - RDC Semiconductor

Part # R2021
Description  FAST ETHERNET RISC PROCESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R2021 Datasheet(HTML) 4 Page - RDC Semiconductor

  R2021 Datasheet HTML 1Page - RDC Semiconductor R2021 Datasheet HTML 2Page - RDC Semiconductor R2021 Datasheet HTML 3Page - RDC Semiconductor R2021 Datasheet HTML 4Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R2021
R
RD
DC
C®®
R
RIISSC
C D
DSSPP C
Coom
mm
muunniiccaattiioonn
FAST ETHERNET RISC PROCESSOR
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 4 of 4
REV 1.0 Sep. 20 2006
3. Package Information
PQFP 128 pins
Seating Plane
1
38
128
103
65
102
20.0
± 0.1mm
14.0
±
0.1mm
17.2
± 0.2mm
64
39
23.2
± 0.2mm
Pin 1
Identifier
3.40mm
(Max.)
2.85
±
0.12mm
0.25mm
(Min.)
0.145 ±
0.055mm
0.22
± 0.05mm 0.5mm BSC
RDC
R1610
XXXX-C-QF
XX-XXXXX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com