Electronic Components Datasheet Search
  English  ▼

X  

IRFS31N20DPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFS31N20DPBF
Description  HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS31N20DPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFS31N20DPBF Datasheet HTML 4Page - International Rectifier IRFS31N20DPBF Datasheet HTML 5Page - International Rectifier IRFS31N20DPBF Datasheet HTML 6Page - International Rectifier IRFS31N20DPBF Datasheet HTML 7Page - International Rectifier IRFS31N20DPBF Datasheet HTML 8Page - International Rectifier IRFS31N20DPBF Datasheet HTML 9Page - International Rectifier IRFS31N20DPBF Datasheet HTML 10Page - International Rectifier IRFS31N20DPBF Datasheet HTML 11Page - International Rectifier IRFS31N20DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRFB/S/SL31N20DPbF
10
www.irf.com
ASS EMBLY
LOT CODE
RECTIFIER
INTERNATIONAL
AS SEMBLED ON WW 19, 1997
Note: "P" in assembly line
position indicates "Lead-Free"
IN THE ASS EMBLY LINE "C"
LOGO
THIS IS AN IRL3103L
LOT CODE 1789
EXAMPLE:
LINE C
DATE CODE
WEEK 19
YEAR 7 = 1997
PART NUMBER
PART NUMBER
LOGO
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER
PRODUCT (OPTIONAL)
P = DES IGNATES LEAD-FREE
A = ASSEMBLY SITE CODE
WEEK 19
YEAR 7 = 1997
DATE CODE
OR
TO-262 Part Marking Information
TO-262 Package Outline
IGBT
1- GATE
2- COLLECTOR
3- EMITTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com