Electronic Components Datasheet Search
  English  ▼

X  

NCP51152 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCP51152
Description  3.75 kVRMS, 4.5-A/9-A Isolated Single Channel Gate Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51152 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCP51152 Datasheet HTML 17Page - ON Semiconductor NCP51152 Datasheet HTML 18Page - ON Semiconductor NCP51152 Datasheet HTML 19Page - ON Semiconductor NCP51152 Datasheet HTML 20Page - ON Semiconductor NCP51152 Datasheet HTML 21Page - ON Semiconductor NCP51152 Datasheet HTML 22Page - ON Semiconductor NCP51152 Datasheet HTML 23Page - ON Semiconductor NCP51152 Datasheet HTML 24Page - ON Semiconductor NCP51152 Datasheet HTML 25Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
NCP51152
www.onsemi.com
21
Figure 51. Recommended Layer Stack
10 mils
0.25 mm
10 mils
0.25 mm
40 mils
1 mm
Keep this space free
from traces, pads
and vias
High−speed signal
Low−speed signal
Ground plane
4 mm
10 mils
0.25 mm
10 mils
0.25 mm
40 mils
1 mm
157 mils
Power plane
Figure 52 shows the 3D layout of the top view of an
evaluation board. The component’s location of the PCB
cutout between primary and secondary sides ensures
isolation performance.
Figure 52. 3−D PCB View
Figure 53 shows the top and bottom layer traces and
copper of printed circuit board layout.
(A) Top & Bottom View
(B) Top View
(C) Bottom View
Figure 53. Printed Circuit Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com