Electronic Components Datasheet Search
  English  ▼

X  

PI5V512 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5V512
Description  Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V512 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5V512 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V512 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V512 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V512 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V512 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V512 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V512 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V512 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8753A
11/02/04
PI5V512
Low On-Resistance, 5V Wide-Bandwidth
5-port, 2:1 Mux/DeMux VideoSwitch
Block Diagram
Features
• High-performance, low-cost solution to switch
between video sources
• Wide bandwidth: 550 MHz
• Low On-Resistance: 5Ω
• Low crosstalk at 10 MHz: –90dB
• Ultra-low quiescent power (0.1µA typical)
• Single supply operation: +5.0V
• Fast switching: 10ns
• Packaging (Pb-free & Green available):
– 24-pin 150-mil wide plastic QSOP (Q)
Applications
•
Projection TV and LCD TV
•
Video consumer applications
•
Analog video signal processing
Description
PericomSemiconductor’sPI5V512isatruebidirectional5-Port2:1
multiplexer/demultiplexer with Hi-Z outputs that is recommended
for both RGB and composite video switching applications.With the
additional 2 ports, vertical and horizontal synchronous signals can
beswitchedinadditiontoswitchingtheRGBandcompositesignals
between different components, such as DVD, VCR, PCs and etc.
The video switch can be driven from a current output RAMDAC
or voltage output composite video source.
Low On-Resistance, Low Crosstalk, Low OFF Isolation and wide
bandwidth features make it ideal for video and other applications.
The device also has exceptional high current capability which is
far greater than most analog switches offered today. A single 5V
supply is all that is required for operation. The switch is bidirec-
tional and offers little or no attenuation of the high-speed signals at
the outputs. The PI5V512 offers a high-performance (550 MHz),
low-cost solution to switch between video sources.
Truth Table
EN
S
ON Switch
0
0
IA0, IB0, IC0, ID0, IE0
0
1
IA1, IB1, IC1, ID1, IE1
1
X
Disabled
Pin Configuration
YA
IA0
IA1
YB
IB0
IB1
YC
IC0
IC1
YD
ID0
ID1
YE
IE0
IE1
EN
S
DECODER/DRIVERS
VCC
EN
IE0
GND
IE1
YE
ID0
GND
ID1
YD
GND
YC
S
IA0
GND
IA1
YA
IB0
GND
IB1
YB
IC0
IC1
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - PI5V512

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Pericom Semiconductor C...
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQ PERICOM-PI5V330AQ Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQE PERICOM-PI5V330AQE Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PI5V512

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com