Electronic Components Datasheet Search
  English  ▼

X  

45P40A Datasheet(PDF) 4 Page - Goford Semiconductor

Part # 45P40A
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor

45P40A Datasheet(HTML) 4 Page - Goford Semiconductor

  45P40A Datasheet HTML 1Page - Goford Semiconductor 45P40A Datasheet HTML 2Page - Goford Semiconductor 45P40A Datasheet HTML 3Page - Goford Semiconductor 45P40A Datasheet HTML 4Page - Goford Semiconductor 45P40A Datasheet HTML 5Page - Goford Semiconductor 45P40A Datasheet HTML 6Page - Goford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
45P40A
www.gofordsemi.com
TEL:0755-29961263
FAX:0755-29961466(A1340)
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 3. Drain Source On Resistance
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Source-Drain Diode Forward
-ID-Drain Current(A)
Qg Gate Charge(nC)
-VDS Drain-Source Voltage(V)
-VSD, Source-to-Drain Voltage (V)
-VDS, Drain-to-Source Voltage (V)
-VGS, Gate-to-Source Voltage (V)
Typical Characteristics TJ = 25ºC, unless otherwise noted
0
20
40
60
80
100
120
140
0
1
2
3
4
-10V
-6V
-5V
-4.5V
-4V
VGS= -3.5V
0
20
40
60
80
100
120
140
0
2
4
6
8
VDS= -5V
25℃
4
6
8
10
12
14
16
0
10
20
30
40
VGS= -10V
0
2
4
6
8
10
0
10
20
30
40
50
VDD = -20V
ID = -22A
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
10
20
30
40
Ciss
Coss
Crss
175℃
25℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com