Electronic Components Datasheet Search
  English  ▼

X  

10146 Datasheet(PDF) 2 Page - Atom Lighting

Part # 10146
Description  AT9012 TRI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10146 Datasheet(HTML) 2 Page - Atom Lighting

  10146 Datasheet HTML 1Page - Atom Lighting 10146 Datasheet HTML 2Page - Atom Lighting 10146 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LED LIFETIME
LED Lifetime
>60000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
Ambient Temp (°C)
25 °C
40 °C
L90B10
35000 hrs
35000 hrs
This rating defines the performance of the led within its
lifetime. L relates to lumen depreciation, where the
proceeding number gives the resultant lumen output at the
end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is
tested accordingly to TM-21. The B part refers to failures,
which can be define as the percentage of LEDs which fall
below the L value in the projected lifetime. A value of B10
refers to 10% failure and a value of B50 refers to 50% failure.
After the defined lifetime, the system will reach the defined
lumen depreciation and the average led failures is defined by
the B rating. The B rating is defined in and tested to IEC62717.
TM-21 Test Hours
10000 hrs
COLOUR TEMPERATURE
Warm White (3000 K)
1150 lm
Cool White (4000 K)
1250 lm
DayLight (6000 K)
1200 lm
DRIVER
Dimmable
Yes
Driver Code
10974
Driver Included
Yes
Integrated Driver
No
Driver Type
Dimmable ( Phase cut)
Driver Warranty
3 Yr
Flex & Plug or Lead Length
120 mm
Wiring Type
Re-wireable Flex & Plug (2
pin)
ENERGY SAVINGS SCHEME
Ipart Approval
Yes
REES Approval
Yes
VEU Approval
Yes
COMPLIANCE
Standards
AS/NZS 60598.1
AS/NZS 60598.2.2
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
Operational Lifetime
50000 hrs
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
DIMENSIONS
Cutout
92 mm
Product Diameter
110 mm
Product Height
38 mm
LINE DRAWINGS
AT9012/TRI
PHOTOMETRICS
AT9012/TRI (6000K)
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com