Electronic Components Datasheet Search
  English  ▼

X  

10121 Datasheet(PDF) 1 Page - Atom Lighting

Part # 10121
Description  AT9027 TRI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10121 Datasheet(HTML) 1 Page - Atom Lighting

  10121 Datasheet HTML 1Page - Atom Lighting 10121 Datasheet HTML 2Page - Atom Lighting 10121 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT9027 TRI
10W LED Low Profile LED Flush Downlight with
dimmable driver - Tri-CCT
Energy efficient LED
Low profile design for installation into ceilings with
low clearances
Flush fascia
Phase-cut dimmable
Tri-CCT selectable
ORDERING INFORMATION
Order code
11869
Description
10W Flush Lens low profile
LED downlight with
dimmable driver - Tri-CCT -
White
Driver Type
Dimmable ( Phase cut)
Item Code
AT9027/WH/TRI
EFFICIENCIES
Total System Efficiency
115 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Fixed
Body Material
Aluminium
Diffuser Material
PMMA
Product Finish
Powdercoated
Fitting Colour
White
IC Rating
IC-4
IC-4 rating has been conducted at the products maximum
working Temperature Range (C) in line with Australian
standards. This provides the required safety when covered
with insulation and used in Australian Environments.
Installation Type
Recessed
IP Rating
IP54 Front Face Only
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
10 W
Switch Type
Inline
System Max Wattage
10 W
Working Temp Range
-20 to 40 °C
LAMP
Macadam Steps (SDCM)
5-step MacAdam Ellipse
Beam Angle
90 °
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
Lamp/LED Current
230 mA
Lamp/LED voltage
36 V
LED LIFETIME
LED Lifetime
>54,000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 10121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10121 ETC-10121 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Turck, Inc.
10121 TURCK-10121 Datasheet
293Kb / 4P
Inductive Sensor
11/07/2023
logo
Heyco.
10121 HEYCO-10121 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Atom Lighting
10121 ATOM-10121 Datasheet
819Kb / 3P
AT9012 TRI
22nd of January 2025 19:21:57
10121 ATOM-10121 Datasheet
220Kb / 3P
AT9012 FR
23rd of January 2025 00:49:04
More results

Similar Description - 10121

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT116-OG MARKTECH-MT116-OG Datasheet
34Kb / 1P
TRI-STATE LAMPS
MT205-HRG MARKTECH-MT205-HRG Datasheet
49Kb / 1P
TRI-STATE LAMPS?
logo
Siemens Semiconductor G...
PSB6520 SIEMENS-PSB6520 Datasheet
424Kb / 15P
Tone Ringer (TRI)
logo
New Japan Radio
NJU6342 NJRC-NJU6342 Datasheet
308Kb / 4P
TRI-STATE BUFFER
logo
Pomona Electronics
5955 POMONA-5955 Datasheet
17Kb / 1P
Tri-Fold Pouch
logo
Winchester Electronics ...
SD7705-1 WINCHESTER-SD7705-1 Datasheet
69Kb / 1P
PLUG, TRI-LOC
SD7705-3 WINCHESTER-SD7705-3 Datasheet
67Kb / 1P
PLUG, TRI-LOC
SD7705-9 WINCHESTER-SD7705-9 Datasheet
66Kb / 1P
PLUG, TRI-LOC
logo
Abracon Corporation
ASE2SERIES ABRACON-ASE2SERIES Datasheet
1Mb / 3P
Tri state function
08.06.14
logo
Alliance Semiconductor ...
AS7C38096B ALSC-AS7C38096B Datasheet
724Kb / 11P
tri-static output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com