Electronic Components Datasheet Search
  English  ▼

X  

14930 Datasheet(PDF) 2 Page - Atom Lighting

Part # 14930
Description  AT9087 - SER II
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

14930 Datasheet(HTML) 2 Page - Atom Lighting

  14930 Datasheet HTML 1Page - Atom Lighting 14930 Datasheet HTML 2Page - Atom Lighting 14930 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COLOUR TEMPERATURE
Warm White (3000 K)
1840 lm
Cool White (4000 K)
2040 lm
DayLight (5700 K)
2000 lm
DRIVER
Dimmable
Yes
Driver Included
Yes
Integrated Driver
No
Driver Mode
Constant Current
Driver Type
Dimmable ( Phase cut)
Flex & Plug or Lead Length
1200 mm
Wiring Type
Re-wireable Flex & Plug (2
pin)
ENERGY SAVINGS SCHEME
Ipart Approval
Yes
REES Approval
Yes
VEU Approval
Yes
COMPLIANCE
Standards
AS/NZS 60598.1
AS/NZS 60598.2.1
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 (Yr) RTB
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
DIMENSIONS
Cutout
150-157 mm
Product Diameter
181 mm
Product Height
61 mm
LINE DRAWINGS
AT9087/16/WH/TRI/2/1
PHOTOMETRICS
AT9087/16/WH/TRI/4000K
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com