Electronic Components Datasheet Search
  English  ▼

X  

12421 Datasheet(PDF) 1 Page - Atom Lighting

Part # 12421
Description  AT9034 TRI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

12421 Datasheet(HTML) 1 Page - Atom Lighting

  12421 Datasheet HTML 1Page - Atom Lighting 12421 Datasheet HTML 2Page - Atom Lighting 12421 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT9034 TRI
8W LED Downlight supplied with dimmable driver -
Tri-colour
Standard or large trim models
Low profile design for installation into ceilings with
low clearances
Semi-flush metal fasia
Supplied with dimmable LED driver
Tri-CCT selectable
ORDERING INFORMATION
Order code
12421
Description
8W LED Downlight w/Dimm
Driver - 110Deg beam -
White - TRI-CCT
Driver Type
Dimmable ( Phase cut)
Item Code
AT9034/WH/TRI
EFFICIENCIES
Total System Efficiency
117 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Fixed
Body Material
Aluminium
Product Finish
Powdercoated
Fitting Colour
White
IC Rating
IC-4
IC-4 rating has been conducted at the products maximum
working Temperature Range (C) in line with Australian
standards. This provides the required safety when covered
with insulation and used in Australian Environments.
Installation Type
Recessed
IP Rating
IP44 Front Face Only
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
8 W
Switch Type
Inline
Working Temp Range
-20 to 40 °C
LAMP
Macadam Steps (SDCM)
5-step MacAdam Ellipse
CCT Configuration
Single
Colour Rendering Index (CRI)
>80
Lamp/LED Current
280 mA
Lamp/LED voltage
36 V
LED LIFETIME
LED Lifetime
>54,000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
TM-21 Test Hours
9000 hrs
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 12421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12421 ETC2-12421 Datasheet
203Kb / 1P
Precision Machined Metric Punches
logo
Heyco.
12421 HEYCO-12421 Datasheet
129Kb / 1P
Continuous Grommet Rolls
logo
Adels-Contact
124210 ADELS-124210 Datasheet
122Kb / 2P
500 RZ/10
124211 ADELS-124211 Datasheet
122Kb / 2P
500 RZ/11
124212 ADELS-124212 Datasheet
122Kb / 2P
500 RZ/12
More results

Similar Description - 12421

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT116-OG MARKTECH-MT116-OG Datasheet
34Kb / 1P
TRI-STATE LAMPS
MT205-HRG MARKTECH-MT205-HRG Datasheet
49Kb / 1P
TRI-STATE LAMPS?
logo
Siemens Semiconductor G...
PSB6520 SIEMENS-PSB6520 Datasheet
424Kb / 15P
Tone Ringer (TRI)
logo
New Japan Radio
NJU6342 NJRC-NJU6342 Datasheet
308Kb / 4P
TRI-STATE BUFFER
logo
Pomona Electronics
5955 POMONA-5955 Datasheet
17Kb / 1P
Tri-Fold Pouch
logo
Winchester Electronics ...
SD7705-1 WINCHESTER-SD7705-1 Datasheet
69Kb / 1P
PLUG, TRI-LOC
SD7705-3 WINCHESTER-SD7705-3 Datasheet
67Kb / 1P
PLUG, TRI-LOC
SD7705-9 WINCHESTER-SD7705-9 Datasheet
66Kb / 1P
PLUG, TRI-LOC
logo
Abracon Corporation
ASE2SERIES ABRACON-ASE2SERIES Datasheet
1Mb / 3P
Tri state function
08.06.14
logo
Alliance Semiconductor ...
AS7C38096B ALSC-AS7C38096B Datasheet
724Kb / 11P
tri-static output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com