Electronic Components Datasheet Search
  English  ▼

X  

12792 Datasheet(PDF) 3 Page - Atom Lighting

Part # 12792
Description  AT9045 /6 /7 /8 TRI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

12792 Datasheet(HTML) 3 Page - Atom Lighting

  12792 Datasheet HTML 1Page - Atom Lighting 12792 Datasheet HTML 2Page - Atom Lighting 12792 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AT9048/WH/TRI/3000K
AT9048/WH/TRI/5700K
Recommended Drivers
Order code Item Code
Description
11467
AT9661
36W Phase Dimmable Driver 900mA to suit 312 & 606 Backlit Panels - AT6021 SER
II & AT6023 SER II
14982
DK1-0AABBHZX00090
Driver Kit - Wireless DALI+ LED driver with 1.2m 2 core flex and plug - set to
900mA
14981
DK1-0AADADZX00090
Driver Kit - DALI-2 LED driver with 2.4m Wire-By-Click (WBC) lead - set to 900mA
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com