Electronic Components Datasheet Search
  English  ▼

X  

14549 Datasheet(PDF) 1 Page - Atom Lighting

Part # 14549
Description  Helios - AT9095
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

14549 Datasheet(HTML) 1 Page - Atom Lighting

  14549 Datasheet HTML 1Page - Atom Lighting 14549 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Helios - AT9095
7W LED low glare UGR
ORDERING INFORMATION
Order code
14549
Description
Helios 7W LED low glare
UGR<19 downlight - white
w/silver reflector - 90mm
cutout - Tri-CCT
Driver Type
Dimmable ( Phase cut)
Item Code
AT9095/7/WH/TRI
EFFICIENCIES
Total System Efficiency
115 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Fixed
Body Material
Plastic
Product Finish
Matt
Fitting Colour
White
IC Rating
IC-4
IC-4 rating has been conducted at the products maximum
working Temperature Range (C) in line with Australian
standards. This provides the required safety when covered
with insulation and used in Australian Environments.
Installation Type
Recessed
IP Rating
IP54 Front Face Only
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
7 W
Switch Type
Inline
Working Temp Range
40 °C
LAMP
Beam Angle
60 °
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
LED Type
Diffused
Number of Lamps
1
UGR
<19
COLOUR TEMPERATURE
Warm White (3000 K)
760 lm
Cool White (4000 K)
810 lm
DayLight (5700 K)
805 lm
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 14549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1454969 PHOENIX-1454969 Datasheet
361Kb / 5P
Y distributor - SAC-8PY-M/2XF VP SH
1454972 PHOENIX-1454972 Datasheet
322Kb / 5P
Y distributor - SAC-8PY-M/2XF VP
More results

Similar Description - 14549

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
H3CFC2DI AMPHENOL-H3CFC2DI Datasheet
318Kb / 2P
HELIOS H4 Amphenol solar connector
H4CFC2DIS AMPHENOL-H4CFC2DIS Datasheet
1Mb / 2P
Helios H4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com