Electronic Components Datasheet Search
  English  ▼

X  

16745 Datasheet(PDF) 2 Page - Atom Lighting

Part # 16745
Description  AT9039
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16745 Datasheet(HTML) 2 Page - Atom Lighting

  16745 Datasheet HTML 1Page - Atom Lighting 16745 Datasheet HTML 2Page - Atom Lighting 16745 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ambient Temp (°C)
25 °C
40 °C
L90B10
38000 hrs
38000 hrs
This rating defines the performance of the led within its
lifetime. L relates to lumen depreciation, where the
proceeding number gives the resultant lumen output at the
end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is
tested accordingly to TM-21. The B part refers to failures,
which can be define as the percentage of LEDs which fall
below the L value in the projected lifetime. A value of B10
refers to 10% failure and a value of B50 refers to 50% failure.
After the defined lifetime, the system will reach the defined
lumen depreciation and the average led failures is defined by
the B rating. The B rating is defined in and tested to IEC62717.
TM-21 Test Hours
10000 hrs
COLOUR TEMPERATURE
Warm White (3000 K)
750 lm
Cool White (4000 K)
870 lm
DayLight (5700 K)
840 lm
DRIVER
Dimmable
Yes
Driver Included
Yes
Integrated Driver
Yes
Driver Type
Dimmable ( Phase cut)
Wiring Type
Non rewireable Flex & Plug
COMPLIANCE
Product Design Life
10 years
The product design life relates to the total product life which
includes LEDs, drivers and the enclosure. This is different to
the LED lifetime which only refers to the economical lifetime
of the LEDs at which time the lumen output has dropped
below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product
and takes into account the Daily Use.
Standards
AS/NZS 60598.1
AS/NZS 60598.2.2
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
Operational Lifetime
30000 hrs
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
Warranty Operating Hours
13000 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
DIMENSIONS
Cutout
90 mm
Product Diameter
115 mm
Product Height
60 mm
LINE DRAWINGS
AT9039/F/TRI
PHOTOMETRICS
AT9039/WH/DL
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com