Electronic Components Datasheet Search
  English  ▼

X  

14550 Datasheet(PDF) 2 Page - Atom Lighting

Part # 14550
Description  Helios - AT9095
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

14550 Datasheet(HTML) 2 Page - Atom Lighting

  14550 Datasheet HTML 1Page - Atom Lighting 14550 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DRIVER
Dimmable
Yes
Driver Included
Yes
Driver Type
Dimmable ( Phase cut)
Wiring Type
Non rewireable Flex & Plug
COMPLIANCE
Product Design Life
10 years
The product design life relates to the total product life which
includes LEDs, drivers and the enclosure. This is different to
the LED lifetime which only refers to the economical lifetime
of the LEDs at which time the lumen output has dropped
below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product
and takes into account the Daily Use.
Daily Use
10 hrs
The Daily Use is the recommended time required to meet the
product's design life. Installations can exceed this time,
however
the
product
design
life
will
be
reduced
proportionally.
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
Warranty Operating Hours
13000 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
DIMENSIONS
Cutout
90 mm
Product Diameter
115 mm
Product Height
62 mm
LINE DRAWINGS
AT9095/7/TRI
AT9095/7/WH/TRI
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com