| Electronic Components Datasheet Search |
|
TAS5028A Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5028A Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 82 page ![]() TAS5028A Controls and Status 25 SLES112 — June 2004 TAS5028A 2 TAS5028A Controls and Status The TAS5028A provides control and status information from both the I2C registers and device pins. This section describes some of these controls and status functions. The I2C summary and detailed register descriptions are contained in sections at the end of this document. 2.1 I2C Status Registers The TAS5028A has two status registers that provide general device information. These are the general status register 0 (0x01) and the error status register (0x02). 2.1.1 General Status Register (0x01) • Device identification code • Clip indicator – The TAS5028A has a clipping indicator. Writing to the register clears the indicator. • Bank switching is busy 2.1.2 Error Status Register (0x02) • No internal errors (the valid signal is high) • A clock error has occurred – These are sticky bits that are cleared by writing to the register. − LRCLK error – When the number of MCLKs per LRCLK is incorrect − SCLK error – When the number of SCLKS per LRCLK is incorrect − Frame slip – When the number of MCLKs per LRCLK changes by more than 10 MCLK cycles − PLL phase-lock error • This error status register is normally used for system development only. 2.2 TAS5028A Pin Controls The TAS5028A provide a number of terminal controls to manage the device operation. These controls are: • RESET • PDN • BKND_ERR • HP_SEL • MUTE 2.2.1 Reset (RESET) The TAS5028A is placed in the reset mode by setting the RESET terminal low or by the power up reset circuitry when power is applied. RESET is an asynchronous control signal that restores the TAS5028A to the hard mute state (M). Master volume is immediately set to full attenuation (there is no ramp down). Reset initiates the device reset without an MCLK input. As long as the RESET terminal is held low, the device is in the reset state. During reset, all I2C and serial data bus operations are ignored. Table 2−1 shows the device output signals while RESET is active. Table 2−1. Device Outputs During Reset SIGNAL SIGNAL STATE Valid Low PWM P-outputs Low (M-state) PWM M-outputs Low (M-state) SDA Signal input (not driven) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |