Electronic Components Datasheet Search
  English  ▼

X  

18443 Datasheet(PDF) 2 Page - Atom Lighting

Part # 18443
Description  AT9039 Slim
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

18443 Datasheet(HTML) 2 Page - Atom Lighting

  18443 Datasheet HTML 1Page - Atom Lighting 18443 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DRIVER
Dimmable
Yes
Driver Included
Yes
Integrated Driver
Yes
Driver Type
Dimmable ( Phase cut)
Wiring Type
Non rewireable Flex & Plug
COMPLIANCE
Standards
AS/NZS 60598.1
AS/NZS 60598.2.2
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
DIMENSIONS
Cutout
90 mm
Product Diameter
110 mm
Product Height
40 mm
LINE DRAWINGS
AT9039/SLIM/WH/F/TRI
ACCESSORIES
Order code
11096
Description
Brushed Chrome trim to suit
AT9039 Flush
Item Code
AT9039/BC/F/RING
Order code
16745
Description
Matt Black trim to suit
AT9039 Flush
Item Code
AT9039/BLK/F/RING
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com