Electronic Components Datasheet Search
  English  ▼

X  

TMDS251 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS251
Description  2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS251 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMDS251 Datasheet HTML 9Page - Texas Instruments TMDS251 Datasheet HTML 10Page - Texas Instruments TMDS251 Datasheet HTML 11Page - Texas Instruments TMDS251 Datasheet HTML 12Page - Texas Instruments TMDS251 Datasheet HTML 13Page - Texas Instruments TMDS251 Datasheet HTML 14Page - Texas Instruments TMDS251 Datasheet HTML 15Page - Texas Instruments TMDS251 Datasheet HTML 16Page - Texas Instruments TMDS251 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
50
100
150
200
250 450 650 850 1050 1250 1450 1650 1850 2450
SignalRate-Mbps
S1=S2=HIGH
S1=HIGHS2=LOW
IDD
V
= AV
=3.3V,T =25°C,
TP1V
=1200mV
,R
=4.02k ,
Am/Bm(2:4)HDMIDatapattern,250Mbps-2.5Gbps
Am/Bm(1)Clock,25MHz-250MHz
CC
CC
A
ID(PP)
PP
VSADJ
W
0
50
100
150
200
0
10
20
30
40
50
60
70
T -Free AirTemperature- C
A
°
S1=S2=HIGH
S1=HIGHS2=LOW
IDD
V
= AV
=3.3V,
V
=1200mV
,R
=4.02k ,
Am/Bm(2:4)
HDMIDatapattern,
Am/Bm(1)
Clock
CC
CC
ID(PP)
PP
VSADJ
W
2.5-Gbps
250-MHz
0
1
2
3
4
5
75
95
115
148.5
185
225
f-Frequency-MHz
EQ=LOW3m30 AWG
EQ=LOW5m28 AWG
EQ=HIGH10m28 AWG
EQ=HIGH15m26 AWG
SeeNote A
0
5
10
15
20
750
950
1150
1485
1850
2250
SignalRate-Mbps
EQ=HIGH10m28 AWG
EQ=LOW3m30 AWG
EQ=LOW
5m28 AWG
EQ=HIGH
15m26 AWG
SeeNote A
TMDS251
SLLS852 – AUGUST 2007
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SIGNAL RATE
FREE-AIR TEMPERATURE
Figure 8.
Figure 9.
RESIDUAL PEAK-TO-PEAK JITTER
RESIDUAL PEAK-TO-PEAK JITTER
(Data Channels)
(Clock Channel)
vs
vs
SIGNAL RATE
FREQUENCY
A.
Channels 2, 3, 4, VCC = AVCC = 3.3 V, TA =
A.
Channel 1, VCC = AVCC = 3.3 V, TA = 25°C,
25
°C, R
VSADJ = 4.02 kΩ, See Figure 5
RVSADJ = 4.02 kΩ, See Figure 5
Figure 10.
Figure 11.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TMDS251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com