Electronic Components Datasheet Search
  English  ▼

X  

R8822 Datasheet(PDF) 2 Page - RDC Semiconductor

Part # R8822
Description  16-BIT RISC MICROCONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R8822 Datasheet(HTML) 2 Page - RDC Semiconductor

  R8822 Datasheet HTML 1Page - RDC Semiconductor R8822 Datasheet HTML 2Page - RDC Semiconductor R8822 Datasheet HTML 3Page - RDC Semiconductor R8822 Datasheet HTML 4Page - RDC Semiconductor R8822 Datasheet HTML 5Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R8822
R
RD
DC
C®®
R
RIISSC
C D
DSSPP C
Coom
mm
muunniiccaattiioonn
16-BIT RISC MICROCONTROLLER
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 2 of 5
REV 1.0 Jul.7 2006
1.
Features
l
CPU Core
-
RDC’s proprietary RISC architecture
-
Five-stage pipeline
-
CPU Clock speed: 40MHz
-
Supports CPU ID
-
Supports 32 PIO pins
-
Static & synthesizable design
l
Bus Interface
-
Multiplexed address and data bus
-
With 8-bit or 16-bit boot ROM bus size
-
Supports a non-multiplexed address bus A[19:0]
-
8-bit or 16-bit external bus dynamic access
l
ROM/RAM/DRAM Controller and Addressing
Space
-
1M-byte memory address space
-
64K-byte I/O space
-
Supports 64Kx16, 128Kx16, 256Kx16 EDO or FP
DRAM with auto-refresh control
l
Two Independent DMA Channels
l
Asynchronous Serial Channels
-
Supports two asynchronous serial channels with
hardware handshaking signals
l
Interrupt Controller
-
The Interrupt controller with seven maskable
external interrupts and one non-maskable
external interrupt
l
Programmable Chip-select Logic
l
Programmable wait-state generators
-
Programmable chip-select logic for memory or
I/O bus cycle decoder
l
Counters/Timers
-
Three independent 16-bit timers and one
independent programmable watchdog timer
l
Software Compatible with The 80C186
Microprocessor
l
Operating Voltage Range
-
Core voltage: 5V ± 10%
-
I/O voltage: 5V ± 10%
l
Ambient Temperature: 0~+70
°C
l
Package Type
-
100-pin PQFP
-
100-pin LQFP
l
A Green product



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com