Electronic Components Datasheet Search
  English  ▼

X  

AM-10GP Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-10GP
Description  PRECISION SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-10GP Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-10GP Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
max 0.1mm
max. 10 N
max. 5N
12000RPM
-40ºC ~ +100ºC
10-90%RH
1
2
3
4
10N 10N 15N 17N 17N
/
0.01
0.02
1.5º
90%
0.003
5
0.03
0.05
1.8º
81%
0.004
7
0.1
0.15
1.9º
73%
0.004
8
0.15
6.8
10
13.2
19.6
1.5
1.5
1.5
1.5
1.5
0.2
2.0º
59%
0.004
12
AM-10GPA-X
AM-10GPB-X
AM-10GPC-X
AM-10GPE-X
0.2
20°
7.46
1.5
1.5
13
6.8
40
25.2
8
AM-CL10***

/

/

/

/
0.15
0.2
2.0º
65%
0.004
10
16.4
AM-10GPD-X
5
PLANETARY GEARBOX
PRECISION SERIES
AM-10GP Series
GEARBOX CHARACTER
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Axial play
Directions
Radial Play (6mm from flange)
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Number of stages
Permissible load (5mm from flange)
Straight teeth
Stainless steel hardened
Alloy Steel hardened
Stainless steel hardened
Stainless steel
Ball bearing
0-0.3
CW/CCW
Permisssible axial load (dynamic)
GEARBOX DATA
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
Max. continuous torque (N.m)
Max. intermittent torque (N.m)
Average backlash no load
Gearbox efficiency
Max. mass inertia (g.cm2)
Gearbox weight approx (g)
Motor shaft max. diametre (mm)
gearbox model
AM-1
0GP Example of combination
Recommend Motor:
Coreless Motor (w/E):
Brushless Motor (w/E):
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN1
008S***
Suitable for Brushless Motor
Encoder S:
Encoder T:
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
INPUT GEARBOX DATA
MOTOR DIMENSION
Gear motor length LT
Gear box length L1
Motor length L2
Encoder length L3
GEARBOX MOTOR LENGTH “LT”
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2024-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - AM-10GP

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-110C1-315 RFSOLUTIONS-AM-110C1-315 Datasheet
55Kb / 4P
RF RECEIVER DECODER HYBRID.
AM-110C1-433 RFSOLUTIONS-AM-110C1-433 Datasheet
55Kb / 4P
RF RECEIVER DECODER HYBRID.
logo
List of Unclassifed Man...
AM-110C1-433 ETC2-AM-110C1-433 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
AM-110C2-433 ETC2-AM-110C2-433 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
AM-110C3-433 ETC2-AM-110C3-433 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
More results

Similar Description - AM-10GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
PRECISION SERIES REFERENCE
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Extech Instruments Corp...
MM560A EXTECH-MM560A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
MM570A EXTECH-MM570A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com