Electronic Components Datasheet Search
  English  ▼

X  

AM-12GP Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-12GP
Description  PRECISION SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-12GP Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-12GP Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
AM-CL10***
PLANETARY GEARBOX
PRECISION SERIES
AM-12GP Series
GEARBOX CHARACTER
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Axial play
Directions
Radial Play (6mm from flange)
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Number of stages
Permissible load (5mm from flange)
Permisssible axial load (dynamic)
GEARBOX DATA
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
Max. continuous torque (N.m)
Max. intermittent torque (N.m)
Average backlash no load
Gearbox efficiency
Max. mass inertia (g.cm2)
Gearbox weight approx (g)
Motor shaft max. diametre (mm)
gearbox model
AM-1
2GP Example of combination
Recommend Motor:
Coreless Motor (w/E):
Brushless Motor (w/E):
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN1
008S***
Suitable for Brushless Motor
Encoder S: AM-EN1008S***
Encoder T:
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
INPUT GEARBOX DATA
MOTOR DIMENSION
Gear motor length LT
Gear box length L1
Motor length L2
Encoder length L3
GEARBOX MOTOR LENGTH “LT”
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2024-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
Straight teeth
Stainless steel hardened
Alloy Steel hardened
Stainless steel hardened
Stainless steel
Ball bearing
0-0.1
CW/CCW
max 0.1mm
max. 100N
max. 20N
16000RPM
-40ºC ~ +100ºC
10-90%RH
1
2
3
4
30N
45N 60N 60N 60N
5
1
2
3
4
/
0.1
0.12
1.3º
90%
0.01
11
0.14
0.17
1.5º
81%
0.01
14
0.2
0.24
1.6º
73%
0.009
17
0.24
15.4
19.6
23.8
32.2
1
1.5
1.5
1.5
1.5
0.29
1.6º
59%
0.009
23
AM-12GPA-X
AM-12GPB-X
AM-12GPC-X
AM-12GPE-X
16
16/1
64/1
0.24
0.29
1.6º
65%
0.009
20
28.0
AM-12GPD-X
5.3
16/3
21
64/3
28
256/9
64
85
114
256/3
1024/9
152
4096/27
256/1
1024/3
4096/9
16384/27
65536/81
16384/9
4096/3
1024/1
1
1
1.5
0.25
20°
6
1.0
1.0
9
6
1.5
1.5
13
256
341
455
809
1820
1365
1024
607
AM-CL12***


Similar Part No. - AM-12GP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-123-AMC-123 MA-COM-AM-123-AMC-123 Datasheet
118Kb / 3P
High Performance Amplifier
AM-123-AMC-123 MA-COM-AM-123-AMC-123_15 Datasheet
118Kb / 3P
High Performance Amplifier
logo
Tyco Electronics
AM-123PIN MACOM-AM-123PIN Datasheet
270Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
More results

Similar Description - AM-12GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
PRECISION SERIES REFERENCE
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Extech Instruments Corp...
MM560A EXTECH-MM560A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
MM570A EXTECH-MM570A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com