Electronic Components Datasheet Search
  English  ▼

X  

AM-16GP Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-16GP
Description  PRECISION SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-16GP Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-16GP Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
91
2020 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
PLANETARY GEARBOX
PRECISION SERIES
Visit Our Website and Online Shop at https://assunmotor.com
Contact: info@assunmotor.com
Download datasheet:
https://assunmotor.com/documents-download
GEARBOX CHARACTER
GEARBOX DATA
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
1
2
3
4
Axial play
Directions
Radial Play (6mm from flange)
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Number of stages
Permissible load (6mm from flange)
Straight teeth
Stainless steel hardened
Alloy Steel hardened
Stainless steel hardened
Stainless steel
Ball bearing
0-0.3
CW/CCW
max 0.1mm
max. 100 N
Permisssible axial load (dynamic)
max. 10N
8000RPM
-
40ºC ~ +100ºC
10-90%RH
1
2
3
4
15N
23N
23N
23N
Max. continuous torque (N.m)
Max. intermittent torque (N.m)
Average backlash no load
Gearbox efficiency
Max. mass inertia (g.cm2)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
Gear motor length LT
Gear box length L1
Motor length L
2
Encoder length L
3
Gearbox weight approx (g)
AM-16GP Example of combination
Recommend Motor:
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN1611S***
Suitable for Brushless Motor
Encoder S: AM-EN1611S***
Encoder T: AM-EN1612T***
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
AM-16GP Series
14
20
53
84
109
3.8
4.4
5.4
16
24
62
89
128
19
29
72
104
157
76
225/16
81/4
3375/64
185193/2197
2187/20
15/4
57/13
27/5
855/52
1539/65
12825/208
4617/52
41551/325
3249/169
729/25
48735/676
87723/845
19683/125
1215/16
198
370 590
231
289 690
270
410
850
285
316
333
455
479
561
10556001/28561
263169/676
6561/16
5000211/10985
124659/260
2368521/4225
50625/256
192375/832
731025/2704
18225/64
2777895/8788
69255/208
59049/100
1121931/1625
531441/3225
0.1
0.15
1.2º
90%
0.05
20
0.2
0.3
1.4º
81%
0.06
25
0.25
0.375
1.5º
73%
0.06
30
0.3
Motor shaft max. diametre (mm)
15.9
19.6
23.3
27
2
1.5
2
1.5
2
1.5
2
1.5
0.45
1.5º
65%
0.06
35
gearbox model
AM-16GPA-X
AM-16GPB-X
AM-16GPC-X
AM-16GPD-X
0.3
20°
6.0
1.5
2.0
1.5
2.0
10
13
16
15.9
23.3
27
49.6
67
79
23
33
40
10.7
10.7
12
MOTOR DIMENSION
Coreless Motor (w/E):
AM-CL1623MAN
AM-CL1626MAN
AM-CL1633MAN
AM-CL1643MAN
Brushless Motor (w/E):
AM-BL1632AN
AM-BL1640AN


Similar Part No. - AM-16GP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier
logo
Tyco Electronics
AM-160PIN MACOM-AM-160PIN Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160PIN MACOM-AM-160PIN Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
More results

Similar Description - AM-16GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
PRECISION SERIES REFERENCE
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Extech Instruments Corp...
MM560A EXTECH-MM560A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
MM570A EXTECH-MM570A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com