Electronic Components Datasheet Search
  English  ▼

X  

AM-22GP Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-22GP
Description  PRECISION ENHANCED SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-22GP Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-22GP Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Download datasheet: https://assunmotor.com/documents-download
GEARBOX CHARACTER
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
Axial play
Directions
Radial Play (8mm from flange)
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Number of stages
Permissible load (10mm from flange)
Straight teeth
Stainless steel hardened
Alloy Steel hardened
Stainless steel hardened
Stainless steel
Ball bearing
0-0.3
CW/CCW
Permisssible axial load (dynamic)
Max. continuous torque (N.m)
Max. intermittent torque (N.m)
Average backlash no load
Gearbox efficiency
Max. mass inertia (g.cm2)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Gear motor length LT
Gear box length L1
Motor length L2
Encoder length L3
Gearbox weight approx (g)
AM-22GP Example of combination
Recommend Motor:
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN1611S***
AM-EN2211S***
Suitable for Brushless Motor
Encoder S: AM-EN1611S***
Encoder T: AM-EN1612T***
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
PLANETARY GEARBOX
PRECISION ENHANCED SERIES
AM-22GP Series
Motor shaft max. diametre (mm)
gearbox model
MOTOR DIMENSION
Coreless Motor (w/E):
AM-CL16***
AM-CL19***
AM-CL22***
Brushless Motor (w/E):
AM-BL16***
AM-BL20***
max. 0.1mm
max. 100 N
max. 40N
12000RPM
-40ºC ~ +100ºC
10-90%RH
1111
2
3
4
GEARBOX DATA
55N 75N 100N 100N
1
2
3
4
3
1.5
3
1.5
1.5
3
1.5
19
24
10
13
16
31
40
50
3.1
158
186
201
237
256
6.0
356
384
453
679
113
132/7
24/1
484/49
88/7
16/1
22/7
10648/343
1936/49
352/7
792/7
6/1
7744/49
63888/343
1408/7
11616/49
256/1
17424/49
384/1
2112/7
4752/7
3168/7
36
36/1
4.0
4/1
3
75
96
96/1
528/7
302
59
64
2904/49
64/1
144
216
144/1
216/1
576
576/1
864
1296
864/1
1296/1
0.4
20°
1.5
3
3
9
15
21
1.5
3
3
AM-22GPD-X
AM-22GPB-X
AM-22GPA-X
AM-22GPC-X
65%
1.7
1.5
33.3
28.5
1.2
1.4
73%
81%
0.8
0.7
23.7
18.9
0.4
0.6
90%
75
65
55
45
0.31
0.31
0.31
0.28
1.1°
1.3°
1.3°
1.3°
18.9
23
-
41.9
23.7
40
74.4
10.7
28.5
40
80.5
12
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - AM-22GP

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
AM-22HP ASSUN-AM-22HP Datasheet
231Kb / 1P
HIGH PERFORMANCE SERIES
2023
AM-22P ASSUN-AM-22P Datasheet
579Kb / 1P
REGULAR SERIES
2023-A
More results

Similar Description - AM-22GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
PRECISION SERIES REFERENCE
logo
Diodes Incorporated
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Intersil Corporation
ISL70419SEH INTERSIL-ISL70419SEH Datasheet
1Mb / 22P
Radiation Hardened 36V Quad Precision Low Power Operational Amplifier With Enhanced SET Performance
July 11, 2014
logo
Advanced Linear Devices
ALD310708 ALD-ALD310708 Datasheet
511Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ENHANCED MODE MATCHED PAIR
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
logo
Littelfuse
SP0201U-ELC-01UTG LITTELFUSE-SP0201U-ELC-01UTG Datasheet
963Kb / 5P
Enhanced ESD Discrete TVS Series
2016 Littelfuse, Inc
SP0402U-ELC-02ETG LITTELFUSE-SP0402U-ELC-02ETG Datasheet
1Mb / 4P
Enhanced ESD Diode Arrays Series
2019 Littelfuse, Inc
logo
Renesas Technology Corp
ISL70219ASEH RENESAS-ISL70219ASEH Datasheet
6Mb / 25P
40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
Jun 11, 2018
ISL70419SEH RENESAS-ISL70419SEH Datasheet
1Mb / 23P
Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com