Electronic Components Datasheet Search
  English  ▼

X  

AM-28GP Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-28GP
Description  PRECISION SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-28GP Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-28GP Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Visit Our Website and Online Shop at https://assunmotor.com
Contact: info@assunmotor.com
94
2020 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
PLANETARY GEARBOX
PRECISION SERIES
Download datasheet:
https://assunmotor.com/documents-download
GEARBOX CHARACTER
GEARBOX DATA
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
1
2
3
4
Axial play
Directions
Radial Play (10mm from flange)
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Number of stages
Permissible load (13mm from flange)
Straight teeth
Stainless steel hardened
Alloy steel hardened
Stainless steel hardened
Stainless steel
Ball bearing
0-0.3
CW/CCW
max 0.1mm
max. 150 N
Permisssible axial load (dynamic)
max. 100N
8000RPM
-
40ºC ~ +100ºC
10-90%RH
1
2
3
4
65N
100N 120N
120N
Max. continuous torque (N.m)
Max. intermittent torque (N.m)
Average backlash no load
Gearbox efficiency
Max. mass inertia (g.cm2)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
Gear motor length LT
Gear box length L1
Motor length L
2
Encoder length L3
Gearbox weight approx (g)
AM-28GP Example of combination
Recommend Motor:
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN1611S***
Suitable for Brushless Motor
Encoder S: AM-EN1611S***
Encoder T: AM-EN2412T***
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
AM-28GP Series
Motor shaft max. diametre (mm)
4
3
4
3
4
3
4
3
gearbox model
0.4
20°
8.5
1
0.5
3
4
4
3
4
4
12
18
24
2
6.1
33.
3
40.
5
67.
8
8
9
105.
5
31
45
53
10.7
10.7
12
MOTOR DIMENSION
65
221
416
244
465
273
574
19
11
38
3.4
130
4.2
5.8
112
301 642
72
24
14
47
160
138
337 792
81
33
17
59
198
190
377
1093
100
27/8
25/6
23/4
621/32
575/24
529/16
729/64
225/16
625/36
16767/256
19683/512
6075/128
1875/32
14283/128
13225/96
12167/64
452709/2048
15625/64
139725/512
531441/4096
164025/1024
50625/256
359375/864
119025/256
330625/576
390625/1296
43125/128
385641/1024
328509/512
304175/384
279841/256
15625/216
5175/64
14375/144
AM-28GPD-X
AM-28GPB-X
AM-28GPA-X
AM-28GPC-X
47.
7
40.
5
33.
3
2
6.1
2.4
2.0
0.8
0.6
3.6
3.0
1.2
0.9
65%
73%
81%
90%
230
200
170
140
0.95
0.95
0.94
0.89
0.8°
1.0°
1.0°
1.0°
Brushless Motor (w/E)
AM-BL2453AN
AM-BL2845AN
Coreless Motor (w/E)
AM-CL2532MAN
AM-CL2545MAN
AM-CL2831MAN
AM-CL2845MAN
6


Similar Part No. - AM-28GP

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
AM-28HP ASSUN-AM-28HP Datasheet
235Kb / 1P
HIGH PERFORMANCE SERIES
2023
AM-28P ASSUN-AM-28P Datasheet
527Kb / 1P
REGULAR SERIES
2023-A
More results

Similar Description - AM-28GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
PRECISION SERIES REFERENCE
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Extech Instruments Corp...
MM560A EXTECH-MM560A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
MM570A EXTECH-MM570A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com