Electronic Components Datasheet Search
  English  ▼

X  

AM-36GP Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-36GP
Description  PRECISION SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-36GP Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-36GP Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Visit Our Website and Online Shop at https://assunmotor.com
Contact: info@assunmotor.com
96
2020 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
PLANETARY GEARBOX
PRECISION SERIES
Download datasheet:
https://assunmotor.com/documents-download
GEARBOX CHARACTER
GEARBOX DATA
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
1
2
3
4
Axial play
Directions
Radial Play (10mm from flange)
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Number of stages
Permissible load (14mm from flange)
Straight teeth
Stainless steel hardened
Alloy steel hardened
Stainless steel hardened
Stainless steel
Ball bearing
0-0.3
CW/CCW
max 0.1mm
max. 150 N
Permisssible axial load (dynamic)
max. 150N
8000RPM
-
40ºC ~ +100ºC
10-90%RH
1
2
3
4
140N
2
30N 230N 230N
Max. continuous torque (N.m)
Max. intermittent torque (N.m)
Average backlash no load
Gearbox efficiency
Max. mass inertia (g.cm2)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
Gear motor length LT
Gear box length L1
Motor length L
2
Encoder length L
3
Gearbox weight approx (g)
AM-36GP Example of combination
Recommend Motor:
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN2211S***
Encoder T: AM-EN2412T***
Suitable for Brushless Motor
Encoder S: AM-EN2211S***
Encoder T: AM-EN2412T***
AM-EN3612T***
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
AM-36GP Series
Motor shaft max. diametre (mm)
6
4
6
4
6
4
6
4
gearbox model
0.5
20°
8
1
1
1
3.5
4
6
6
4
6
6
12
18
24
39.6
48.6
57.6
120.3
119.3
159.6
70
60
90
10.7
10.7
12
MOTOR DIMENSION
21
26
36
12
15
19
43
53
66
74
3.5
150
186
230
257
285
319
4.3
6.0
126
156
216
353
394
441
488
546
676
756
936
1296
81
91
113
21/1
26/1
36/1
49/4
91/6
169/9
7/2
343/8
637/12
1183/18
147/2
13/3
6/1
126/1
156/1
216/1
2401/16
4459/24
8281/36
1029/4
15379/54
637/2
28561/81
1183/3
441/1
4394/9
546/1
676/1
756/1
936/1
1296/1
2197/27
91/1
338/3
AM-36GPA-X
30.6
1.2
1.8
90%
210
3
0.7°
AM-36GPC-X
48.6
5
7.5
73%
330
3.18
0.8°
AM-36GPB-X
81%
4.5
3
39.6
270
3.17
0.8°
AM-36GPD-X
65%
9
6
57.6
360
3.18
0.8°
Coreless Motor (w/E)
AM-CL3570GAN
AM-CL4071GAE
Brushless Motor (w/E)
AM-BL3260AN
AM-BL3270AN
AM-BD3260AN
AM-BD3270AN
AM-BL3660AN
AM-BL3675BF
AM-BL3690BF
AM-BD3660AN


Similar Part No. - AM-36GP

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
AM-36HP ASSUN-AM-36HP Datasheet
1Mb / 1P
HIGH PERFORMANCE SERIES
2024-A
AM-36P ASSUN-AM-36P Datasheet
490Kb / 1P
REGULAR SERIES
2023-A
More results

Similar Description - AM-36GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
PRECISION SERIES REFERENCE
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Extech Instruments Corp...
MM560A EXTECH-MM560A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
MM570A EXTECH-MM570A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com