Electronic Components Datasheet Search
  English  ▼

X  

AM-45GP Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-45GP
Description  PRECISION SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-45GP Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-45GP Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Visit Our Website and Online Shop at https://assunmotor.com
Contact: info@assunmotor.com
98
2020 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
PLANETARY GEARBOX
PRECISION SERIES
Download datasheet:
https://assunmotor.com/documents-download
GEARBOX CHARACTER
GEARBOX DATA
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
1
2
3
4
Axial play
Directions
Radial Play (10mm from flange)
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Number of stages
Permissible load (18mm from flange)
Straight teeth
Stainless steel hardened
Alloy steel hardened
Alloy steel hardened
Stainless steel hardened
Ball bearing
0-0.3
CW/CCW
max 0.1mm
max. 300 N
Permisssible axial load (dynamic)
max. 150N
8000RPM
-
40ºC ~ +100ºC
10-90%RH
1
2
3
4
180N
280N 370N
370N
Max. continuous torque (N.m)
Max. intermittent torque (N.m)
Average backlash no load
Gearbox efficiency
Max. mass inertia (g.cm2)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
Gear motor length LT
Gear box length L1
Motor length L
2
Encoder length L
3
Gearbox weight approx (g)
AM-45GP Example of combination
Recommend Motor:
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN2211S***
Encoder T: AM-EN2412T***
Suitable for Brushless Motor
Encoder S: AM-EN2211S***
Encoder T: AM-EN3612T***
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
AM-45GP Series
Motor shaft max. diametre (mm)
8
6
8
6
8
6
8
6
gearbox model
0.6
20°
1
1
15
18
6.0
8.0
8.0
15
21
27
6
0.1
7
2.1
13
0.8
18
4.1
60
100
10.7
12
MOTOR DIMENSION
17
21
27
11
13
16
37
44
53
58
3.3
123
148
178
193
213
231
4.0
5.2
90
108
141
256
277
300
333
361
433
469
562
731
64
69
83
AM-45GPD-X
AM-45GPB-X
AM-45GPA-X
AM-45GPC-X
65%
21
14
72.1
6
0.1
12
18
73%
81%
10.5
7
48.1
3
6.1
3
4.5
90%
810
685
560
435
13.4
13.39
13.35
12.85
0.6°
0.7°
0.7°
0.7°
52/3
104/5
676/25
100/9
40/3
16/1
10/3
1000/27
400/9
160/3
520/9
4/1
26/5
1352/15
2704/25
17576/125
10000/81
4000/27
1600/9
5200/27
640/3
2080/9
256/1
832/3
2704/9
1664/5
5408/15
10816/25
35152/75
70304/125
456976/625
64/1
208/3
416/5
6.0
8.0
8.0
Coreless Motor (w/E)
AM-CL3570GAN
AM-CL4071GAE
Brushless Motor (w/E)
AM-BL3660AN
AM-BL3675BF
AM-BL3690BF
AM-BL4060BF
AM-BL45100AN
AM-BL45100BF
AM-BD3660AN
AM-BD45100AN
*
*Note: If combined with AM-CL3570, L1=L+5mm, distance between gear and motor=14.9+5mm.
*


Similar Part No. - AM-45GP

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
AM-45HP ASSUN-AM-45HP Datasheet
210Kb / 1P
HIGH PERFORMANCE SERIES
2023
AM-45P ASSUN-AM-45P Datasheet
484Kb / 1P
REGULAR SERIES
2023-A
More results

Similar Description - AM-45GP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL461 TI-TL461 Datasheet
55Kb / 4P
PRECISION SERIES REFERENCE
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
Micropower Precision Series Reference
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
Micropower Precision Series Reference Family
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
Extech Instruments Corp...
MM560A EXTECH-MM560A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
MM570A EXTECH-MM570A Datasheet
312Kb / 1P
MultiMaster??Series Precision MultiMeters
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
Analog Devices
AD790 AD-AD790_17 Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com