Electronic Components Datasheet Search
  English  ▼

X  

MK33 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # MK33
Description  MK33 Series Reed Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK33 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  MK33 Datasheet HTML 1Page - Standex Electronics, Inc. MK33 Datasheet HTML 2Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA: +1 866.782.6339 | salesusa@standexmeder.com
EMEA: +49 7733/9253200 | salesemea@standexmeder.com
APAC: +86 21/37606000 | salesasia@standexmeder.com
standexelectronics.com
Series Datasheet
Version 01
May 2024
Page
S. Knoblauch
1
MK33 Series Reed Sensors
Features: compact profile and surface mount, long life
expectancy, improved stability for assembly process*,
packed in tape and reel for easy pick and place
Applications: air conditioning, metering, ladders for fluid
level sensors, window and door sensors for security
systems, smoke detectors, water flow gauge & others
Markets: Automotive, Telecommunication, Safety &
Security, Test & Measurement, Household, Medical &
Others
Part Description:
MK 33 - 00 - X
Switch Model
Magnetic Sensitivity
Lead Design
87, 66
B, C, D, E, F, G
compact
Customer Options
Switch Model
Unit
Contact Data
87 (10 mm Glass)
66 (14 mm Glass)
Rated Power (max.)
Any DC combination of V&A not to exceed their
individual max.’s
10
10
W
Switching Voltage (max.)
DC or peak AC
200
200
V
Switching Current (max.)
DC or peak AC
0.4
0.5
A
Carry Current (max.)
DC or peak AC
0.5
1.0
A
Contact Resistance (max.)
@ 0.5V & 50mA
150
150
mOhm
Breakdown Voltage (min.)
According to EN60255-5
250
250
VDC
Operating Time (max.)
Incl. Bounce; Measured with w/ Nominal
Voltage
0.7
0.7
Ms
Release Time (max.)
Measured with no Coil Excitation
0.05
0.05
Ms
Insulation Resistance (typ.)
Rh<45%, 100V Test Voltage
1010
1010
Ohm
Capacitance (typ.)
@ 10kHz across open Switch
0.2
0.3
pF
* In comparison with our MK23 series


Similar Part No. - MK33

ManufacturerPart #DatasheetDescription
logo
Innovative Sensor Techn...
MK33 IST-MK33 Datasheet
782Kb / 5P
Capacitive Humidity Sensor
logo
Turck, Inc.
MK33-11EX0-PLI/24VDC TURCK-MK33-11EX0-PLI/24VDC Datasheet
185Kb / 2P
Isolating transducer 1-channel
2020-01-31
logo
Multicomp Pro
MK3301 MULTICOMP-MK3301 Datasheet
315Kb / 1P
Insulating Kit
09/06/22 V1.0
More results

Similar Description - MK33

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
9231291520 MEDER-9231291520 Datasheet
122Kb / 2P
Reed Sensors
logo
Littelfuse
59010 LITTELFUSE-59010 Datasheet
388Kb / 3P
Reed Sensors
59021 LITTELFUSE-59021 Datasheet
421Kb / 3P
Reed Sensors
59065 LITTELFUSE-59065 Datasheet
587Kb / 3P
Reed Sensors
59090 LITTELFUSE-59090 Datasheet
442Kb / 3P
Reed Sensors
59135 LITTELFUSE-59135 Datasheet
585Kb / 3P
Reed Sensors
59140 LITTELFUSE-59140 Datasheet
607Kb / 3P
Reed Sensors
59145 LITTELFUSE-59145 Datasheet
572Kb / 3P
Reed Sensors
59210 LITTELFUSE-59210 Datasheet
237Kb / 2P
Reed Sensors
59250 LITTELFUSE-59250 Datasheet
410Kb / 3P
Reed Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com