Electronic Components Datasheet Search
  English  ▼

X  

ORD211 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # ORD211
Description  ORD211 Reed Switch Ultra-miniature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

ORD211 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  ORD211 Datasheet HTML 1Page - Standex Electronics, Inc. ORD211 Datasheet HTML 2Page - Standex Electronics, Inc. ORD211 Datasheet HTML 3Page - Standex Electronics, Inc. ORD211 Datasheet HTML 4Page - Standex Electronics, Inc. ORD211 Datasheet HTML 5Page - Standex Electronics, Inc. ORD211 Datasheet HTML 6Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USA: +1 866.782.6339 | salesusa@standexelectronics.com
EMEA: +49 7731/8399-0 | info@standexelectronics.com
APAC: +81 42/6980026 | sej-sales@standex.co.jp
standexelectronics.com
Datasheet
Version 01
Feb 2022
Page 1
ORD211 Reed Switch
Applications
• Automotive electronic devices
• Control equipment
• Communication equipment
• Measurement equipment
• Household appliances
Dimensions (mm)
O R D 211
Ultra-miniature
The ORD211 is a small single-contact reed switch designed for general
control of low-level loads less than 24V. The contacts are sealed within
the glass tube with inert gas to maintain contact reliability.
Ultra-miniature
Hermetically sealed within a glass tube with inert gas,
reed contacts are not influenced by the external
atmospheric environment.
Quick response
Comprising of operating parts and electrical parts
arranged coaxially, reed switches are suited to high-
frequency applications.
Compact and light weight.
Superior corrosion resistance and wear resistance of the
contacts assures stable switching operation and long life.
Economically and easily becomes a proximity switch
when paired with a magnet.
Features
Electrical Characteristics
Parameter
Rated Value
Unit
Operate Time (max.)
0.3
ms
Bounce Time (max.)
0.3
ms
Release Time (max.)
0.05
ms
Resonant Frequency
7500±500
Hz
Operating Frequency (max.)
500
Hz
Operating Characteristics
Parameter
Rated Value
Unit
Pull-in Value (PI)
10 to 40
AT
Drop-out Value (DO) (min.)
5
AT
Contact Resistance (CR) (max.)
100
mOhm
Breakdown Voltage (min.)
150
VDC
Insulation Resistance (min.)
109
Ohm
Electrostatic Capacitance (max.)
0.2
pF
Contact Rating
1.0
W
Maximum Switching Voltage (max.)
24DC/24AC
V
Maximum Switching Current (max.)
0.1
A
Maximum Carry Current (max.)
0.3
A


Similar Part No. - ORD211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD211 ETC-ORD211 Datasheet
78Kb / 8P
REED SWITCH
logo
Meder Electronic
ORD211 MEDER-ORD211 Datasheet
94Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
REED SWITCH
logo
Comus International
ORD211 COMUS-ORD211 Datasheet
78Kb / 1P
Reed Switch - Sub-Micro - Normally Open Contacts
More results

Similar Description - ORD211

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MS-104-1 RRE-MS-104-1 Datasheet
105Kb / 2P
Ultra-miniature Reed Sensor
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
Ultra-Miniature SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
Ultra-Miniature SMD Reed Sensor
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
Micro-miniature Reed Switch
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
Miniature Close Differential Reed Switch
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
Miniature Reed Switch
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
Reduced-miniature Reed Switch
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
logo
Littelfuse
MITI-7 LITTELFUSE-MITI-7 Datasheet
357Kb / 2P
7mm Ultra-Miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com