Electronic Components Datasheet Search
  English  ▼

X  

ORD221 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # ORD221
Description  ORD221 REED SWITCH Miniature offset-type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

ORD221 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  ORD221 Datasheet HTML 1Page - Standex Electronics, Inc. ORD221 Datasheet HTML 2Page - Standex Electronics, Inc. ORD221 Datasheet HTML 3Page - Standex Electronics, Inc. ORD221 Datasheet HTML 4Page - Standex Electronics, Inc. ORD221 Datasheet HTML 5Page - Standex Electronics, Inc. ORD221 Datasheet HTML 6Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USA: +1 866.782.6339 | salesusa@standexelectronics.com
EMEA: +49 7731/8399-0 | info@standexelectronics.com
APAC: +81 42/6980026
| sej-sales@standex.co.jp
standexelectronics.com
Datasheet
Version 01
Sep 2023
Page 1
ORD221 REED SWITCH
Applications
• Automotive electronic devices
• Control equipment
• Communication equipment
• Measurement equipment
• Household appliances
EXTERNAL DIMENSIONS (Unit: mm)
O R D221
Miniature offset-type
The ORD221 is a small single-contact reed switch designed for general
control of mediumlevel loads less than 100V. The contacts are sealed
within the glass tube with inert gas to maintain contact reliability.
Miniature offset-type
Hermetically sealed within a glass tube with inert gas,
reed contacts are not influenced by the external
atmospheric environment.
Quick response
Comprising of operating parts and electrical parts
arranged coaxially, reed switches are suited to high-
frequency applications.
Compact and light weight.
Superior corrosion resistance and wear resistance of the
contacts assures stable switching operation and long life.
Economically and easily becomes a proximity switch
when paired with a magnet.
FEATURES
ELECTRICAL CHARACTERISTICS
Parameter
Rated Value
Unit
Operate Time (max.)
0.4
ms
Bounce Time (max.)
0.5
ms
Release Time (max.)
0.05
ms
Resonant Frequency
2750±250
Hz
Operating Frequency (max.)
500
Hz
OPERATING CHARACTERISTICS
Parameter
Rated Value
Unit
Pull-in Value (PI)
10 to 30
AT
Drop-out Value (DO) (min.)
5
AT
Contact Resistance (CR) (max.)
100
mOhm
Breakdown Voltage (min.)
200 (PI≧20)
VDC
150 (10≦PI<20)
VDC
Insulation Resistance (min.)
109
Ohm
Electrostatic Capacitance (max.)
0.3
pF
Contact Rating
10
VA
Maximum Switching Voltage (max.)
100DC/100AC
V
Maximum Switching Current (max.)
0.3
A
Maximum Carry Current (max.)
1.0
A


Similar Part No. - ORD221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
REED SWITCH
logo
Comus International
ORD221 COMUS-ORD221 Datasheet
78Kb / 1P
Reed Switch - Sub-Miniature - Normally Open Contacts
logo
Meder Electronic
ORD2210 MEDER-ORD2210 Datasheet
84Kb / 8P
REED SWITCH
logo
Standex Electronics, In...
ORD2210 STANDEX-ORD2210 Datasheet
790Kb / 6P
ORD2210 Reed Switch High power
Version 01 Feb 2022
logo
Meder Electronic
ORD2210V MEDER-ORD2210V Datasheet
83Kb / 8P
REED SWITCH
More results

Similar Description - ORD221

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
Micro-miniature Reed Switch
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
Miniature Close Differential Reed Switch
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
Miniature Reed Switch
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
Reduced-miniature Reed Switch
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
logo
Littelfuse
MDSR-7 LITTELFUSE-MDSR-7 Datasheet
372Kb / 2P
MDSR-7 12.7mm Sub-miniature Reed Switch
MDSR-10 LITTELFUSE-MDSR-10 Datasheet
507Kb / 2P
MDSR-10 10.2mm Sub-miniature Reed Switch
MLRR-4 LITTELFUSE-MLRR-4 Datasheet
506Kb / 2P
15.2mm Sub-miniature Close Differential Reed Switch
MITI-7 LITTELFUSE-MITI-7 Datasheet
357Kb / 2P
7mm Ultra-Miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com