Electronic Components Datasheet Search
  English  ▼

X  

ORD312 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # ORD312
Description  ORD312 REED SWITCH High-power long-life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

ORD312 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  ORD312 Datasheet HTML 1Page - Standex Electronics, Inc. ORD312 Datasheet HTML 2Page - Standex Electronics, Inc. ORD312 Datasheet HTML 3Page - Standex Electronics, Inc. ORD312 Datasheet HTML 4Page - Standex Electronics, Inc. ORD312 Datasheet HTML 5Page - Standex Electronics, Inc. ORD312 Datasheet HTML 6Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
USA: +1 866.782.6339 | salesusa@standexelectronics.com
EMEA: +49 7731/8399-0 | info@standexelectronics.com
APAC: +81 42/6980026
| sej-sales@standex.co.jp
standexelectronics.com
Datasheet
Version 01
Feb 2022
Page 2
Pull-in Value vs. Drop-out Value
Contact Resistance
Breakdown Voltage
Insulation Resistance
Electrostatic Capacitance
ORD312 REED SWITCH
ELECTRICAL CHARACTERISTICS
AT
50
40
30
20
10
0
10
20
30
40
50
AT
Pull-in Value
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
Contact Resistance
40
60
80
100
m
(Measurement length: 32mm)
10
20
30
40
50
AT
400
300
200
100
0
DC:V
Pull-in Value
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
(DC 100V)
0.1
1010
1011
1012
1013
1014
Insulation Resistance
10
20
30
40
50
AT
0.4
0.3
0.2
0.1
0
pF
Pull-in Value
(1MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com