Electronic Components Datasheet Search
  English  ▼

X  

ORD324 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # ORD324
Description  ORD324 Reed Switch General purpose miniature-type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

ORD324 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  ORD324 Datasheet HTML 1Page - Standex Electronics, Inc. ORD324 Datasheet HTML 2Page - Standex Electronics, Inc. ORD324 Datasheet HTML 3Page - Standex Electronics, Inc. ORD324 Datasheet HTML 4Page - Standex Electronics, Inc. ORD324 Datasheet HTML 5Page - Standex Electronics, Inc. ORD324 Datasheet HTML 6Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
USA: +1 866.782.6339 | salesusa@standexelectronics.com
EMEA: +49 7731/8399-0 | info@standexelectronics.com
APAC: +81 42/6980026 | sej-sales@standex.co.jp
standexelectronics.com
Datasheet
Version 01
Feb 2022
Page 1
ORD324 Reed Switch
Applications
• Automotive electronic devices
• Control equipment
• Communication equipment
• Measurement equipment
• Household appliances
Dimensions (mm)
O R D 324
General purpose miniature-type
The ORD324 is a small single-contact reed switch designed for general
control of medium level loads less than 200V. The contacts are sealed
within the glass tube with inert gas to maintain contact reliability.
General purpose miniature-type
Hermetically sealed within a glass tube with inert gas,
reed contacts are not influenced by the external
atmospheric environment.
Quick response
Comprising of operating parts and electrical parts
arranged coaxially, reed switches are suited to high-
frequency applications.
Compact and light weight.
Superior corrosion resistance and wear resistance of the
contacts assures stable switching operation and long life.
Economically and easily becomes a proximity switch
when paired with a magnet.
Features
Electrical Characteristics
Parameter
Rated Value
Unit
Operate Time (max.)
0.4
ms
Bounce Time (max.)
0.3
ms
Release Time (max.)
0.05
ms
Resonant Frequency
5000±400
Hz
Operating Frequency (max.)
500
Hz
Operating Characteristics
Parameter
Rated Value
Unit
Pull-in Value (PI)
10 to 40
AT
Drop-out Value (DO) (min.)
4
AT
Contact Resistance (CR) (max.)
100
mOhm
Breakdown Voltage (min.)
250
VDC
Insulation Resistance (min.)
1010
Ohm
Electrostatic Capacitance (max.)
0.3
pF
Contact Rating
10
W
Maximum Switching Voltage (max.)
200DC/150AC
V
Maximum Switching Current (max.)
0.5
A
Maximum Carry Current (max.)
1.0
A
ø0.5
MAX ø2.2
MAX 14.0
44.3±0.5


Similar Part No. - ORD324

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
ORD324 MEDER-ORD324 Datasheet
1Mb / 19P
REED SWITCH
logo
OKI electronic componet...
ORD324 OKI-ORD324 Datasheet
1Mb / 19P
REED SWITCH
logo
Comus International
ORD324 COMUS-ORD324 Datasheet
519Kb / 1P
Reed Switch - Make Contact Form
logo
Standex Electronics, In...
ORD324H STANDEX-ORD324H Datasheet
505Kb / 6P
ORD324H REED SWITCH General purpose miniature-type, long lead
Version 01 Feb 2022
logo
Comus International
ORD324S-1 COMUS-ORD324S-1 Datasheet
607Kb / 1P
Reed Switch - Moulded/SMD - Normally Open Contact
More results

Similar Description - ORD324

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
Miniature General Purpose Relay
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
MINIATURE GENERAL PURPOSE RELAY
logo
Reed Relays and Electro...
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
Micro-miniature Reed Switch
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
Miniature Close Differential Reed Switch
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
Miniature Reed Switch
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
Reduced-miniature Reed Switch
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
logo
Littelfuse
MITI-7 LITTELFUSE-MITI-7 Datasheet
357Kb / 2P
7mm Ultra-Miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com