Electronic Components Datasheet Search
  English  ▼

X  

1363047 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1363047
Description  FBP-2/X CUS - Blind plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1363047 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1363047 Datasheet HTML 1Page - PHOENIX CONTACT 1363047 Datasheet HTML 2Page - PHOENIX CONTACT 1363047 Datasheet HTML 3Page - PHOENIX CONTACT 1363047 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Blind plug, freely configurable, color: gray
Commercial data
Item number
1363047
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BE06
Product key
BE6112
Weight per piece (including packing)
22.222 g
Weight per piece (excluding packing)
22.222 g
Customs tariff number
85389099
Country of origin
PL
FBP-2/X CUS - Blind plug
1363047
https://www.phoenixcontact.com/us/products/1363047
Feb 4, 2025, 1:05 AM
Page 1 (4)


Similar Part No. - 1363047

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1363046 PHOENIX-1363046 Datasheet
181Kb / 4P
FTP-3/X CUS - Test plug
More results

Similar Description - 1363047

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0934941000 MOLEX1-0934941000 Datasheet
38Kb / 1P
ML-XT Blind Cavity Plug
logo
Pepperl+Fuchs Inc.
ICZ-AIDA1-B PF-ICZ-AIDA1-B Datasheet
537Kb / 1P
Blind plug
VAZ-G4-B1 PF-VAZ-G4-B1 Datasheet
93Kb / 1P
Blind plug
VAZ-V1-B1 PF-VAZ-V1-B1 Datasheet
76Kb / 1P
Blind plug
VAZ-V1-B3 PF-VAZ-V1-B3 Datasheet
138Kb / 1P
Blind plug
VAZ-V1S-B PF-VAZ-V1S-B Datasheet
83Kb / 1P
Blind plug
VAZ-V3-B PF-VAZ-V3-B Datasheet
97Kb / 1P
Blind plug
logo
PHOENIX CONTACT
3069875 PHOENIX-3069875 Datasheet
80Kb / 5P
Dummy plug - FBP-2/4
09/12/2020
logo
Pepperl+Fuchs Inc.
V1-BV PF-V1-BV Datasheet
249Kb / 1P
Blind plug
2020-03-24
logo
Burland Technology Solu...
FBP-STO279 BURLAND-FBP-STO279 Datasheet
886Kb / 2P
FBP-STO279
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com