Electronic Components Datasheet Search
  English  ▼

X  

AT10GC Datasheet(PDF) 3 Page - Bookham, Inc.

Part # AT10GC
Description  10Gb/s surface mount coplanar APD preamp receiver for low OSNR applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

AT10GC Datasheet(HTML) 3 Page - Bookham, Inc.

  AT10GC Datasheet HTML 1Page - Bookham, Inc. AT10GC Datasheet HTML 2Page - Bookham, Inc. AT10GC Datasheet HTML 3Page - Bookham, Inc. AT10GC Datasheet HTML 4Page - Bookham, Inc. AT10GC Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet
3
Pin Out
Pin #
Symbol
Function
Pin #
Symbol
Function
1
NC
Case ground
10
Out_P
Positive output
2V
pd
APD bias voltage
11
GND
Case ground
3
NC
No connection
12
GND
Case ground
4
NC
Amplifier bias
13
FBIN
Offset feedback
5
NC
No connection
14
NC
No connection
6
GND
Case ground
15
NC
No connection
7
GND
Case RF ground
16
Rth
Thermistor
8
Out_N
Negative RF data output
17
GND
Case ground
9
GND
Case ground
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Amplifier bias voltage
V
ee
-6.0
0.5
V
Operating temperature
[1]
T
op
-40
+85
°C
Storage temperature
[2]
T
stg
-40
+85
°C
Input photocurrent
I
PD
3mA
APD bias voltage
V
APD
0
Vbr
V
Fiber bend radius
20
mm
Notes:
[1] The operating temperature is defined as the temperature of the module case.
[2] The rating is referred to the ambient temperature.
Class 2 ESD precautions must be observed when handling these devices.
The table below provides maximum and/or minimum values of
critical parameters which will not permanently damage the device,
but for which the operating specification may not hold.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com