Electronic Components Datasheet Search
  English  ▼

X  

C8050 Datasheet(PDF) 1 Page - Usha India Ltd.

Part # C8050
Description  2W OUTPUT AMPLIFIER OF PORTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  USHA [Usha India Ltd.]
Direct Link  http://www.fairchildsemi.com/
Logo USHA - Usha India Ltd.

C8050 Datasheet(HTML) 1 Page - Usha India Ltd.

  C8050 Datasheet HTML 1Page - Usha India Ltd. C8050 Datasheet HTML 2Page - Usha India Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transistors
C8050


Similar Part No. - C8050

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
C8050 SUNTAC-C8050 Datasheet
98Kb / 2P
NPN Silicon Transistor
More results

Similar Description - C8050

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
SS8550 FAIRCHILD-SS8550 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
List of Unclassifed Man...
C8550 ETC-C8550 Datasheet
47Kb / 1P
Transistors 2WOUTPUT AMPLIFIER OF PORTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050_04 Datasheet
43Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Unisonic Technologies
9013 UTC-9013_11 Datasheet
94Kb / 2P
1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION
logo
Fairchild Semiconductor
SS8550CBU FAIRCHILD-SS8550CBU Datasheet
353Kb / 3P
SS8550 2W Output Amplifier of Portable Radios in Class B Push-pull Operation
logo
E-Tech Electronics LTD
G8050 ETL-G8050 Datasheet
138Kb / 2P
The G8050 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8051 ETL-G8051 Datasheet
143Kb / 2P
The G8051 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8550 ETL-G8550 Datasheet
138Kb / 2P
The G8550 is designed for use in 2W output amplifier of portable radios in class B push-pull operation
G8551 ETL-G8551 Datasheet
143Kb / 2P
The G8551 is designed for use in 2W output amplifier of portable radios in class B push-pull operation.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com